công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSMS3F3CY1602 bảng dữ liệu(PDF) 16 Page - Eaton All Rights Reserved.

tên linh kiện CSMS3F3CY1602
Giải thích chi tiết về linh kiện  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EATON [Eaton All Rights Reserved.]
Trang chủ  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSMS3F3CY1602 bảng dữ liệu(HTML) 16 Page - Eaton All Rights Reserved.

Back Button CSMS3F3CY1602 Datasheet HTML 12Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 13Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 14Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 15Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 16Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 17Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 18Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 19Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 20Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-15
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.1
Inductive Proximity Sensors
iProx Sensors
Compatible Connector Cables
Standard Cables 1
Accessories
iProx Sensors
Note
1 For a full selection of connector cables, see Tab 10, section 10.1.
Current Rating
at 600 V
Voltage
Style
Number
of Pins
Gauge
Length
Pin Configuration/Wire Colors
(Face View Female Shown)
PVC Jacket
Catalog Number
PUR Jacket
Catalog Number
Micro-Style, Straight Female
—AC
3-pin,
3-wire
22 AWG
6.0 ft (2m)
CSAS3F3CY2202
CSAS3F3RY2202
—DC
4-pin,
4-wire
22 AWG
6.0 ft (2m)
CSDS4A4CY2202
CSDS4A4RY2202
Mini-Style, Straight Female
Catalog Number
13 A
—
3-pin
16 AWG
6 ft (2m)
CSMS3F3CY1602
Micro-Style
Straight Female
Mini-Style
Straight Female
1-Green
2-Red/Black
3-Red/White
1-Brown
2-White
3-Blue
4-Black
1-Green
2-Black
3-White
Description
Catalog Number
Step-by-step programming software required to program iProx. Compatible with
Microsoft Windows® and Windows® Mobile devices.
E59SW1
The iProx programming cable is used to program individual iProx sensors, providing
a connection between the computer and the sensor. Connects to computer via a
serial (RS-232) or USB port. (USB connection requires an adapter which is included
with purchase.)
E59RP1
Field applied labels for iProx sensor (100 pcs)
E59LABEL
Software
Cable
Labels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com