công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSMS3F3CY1602 bảng dữ liệu(PDF) 89 Page - Eaton All Rights Reserved.

tên linh kiện CSMS3F3CY1602
Giải thích chi tiết về linh kiện  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EATON [Eaton All Rights Reserved.]
Trang chủ  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSMS3F3CY1602 bảng dữ liệu(HTML) 89 Page - Eaton All Rights Reserved.

Back Button CSMS3F3CY1602 Datasheet HTML 85Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 86Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 87Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 88Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 89Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 90Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 91Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 92Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 93Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
V8-T3-88
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
For Customer Service in the U.S. call 1-877-ETN CARE (386-2273),
in Canada call 1-800-268-3578.
For Application Assistance in the U.S. and Canada
call 1-800-426-9184.
3.16 Inductive Proximity Sensors
E51 Modular Limit Switch Style Sensors
E51 Modular Limit Switch Style Sensors
Contents
Description
Page
E51 Modular Limit Switch Style Sensors
Product Selection
Standard Sensors—
Assembled with Terminal Wiring . . . . . . .
V8-T3-89
Standard Sensors—
Assembled with Receptacles . . . . . . . . . .
V8-T3-90
Sensor Heads . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-90
Sensor Bodies . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-91
Logic Module . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-91
Receptacles . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-92
Compatible Connector Cables . . . . . . . . . .
V8-T3-93
Accessories . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-93
Technical Data and Specifications . . . . . . . . . .
V8-T3-94
Wiring Diagrams . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-94
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . .
V8-T3-95
E51 Modular Limit Switch Style Sensors
Product Description
The E51 Inductive Proximity
Sensor family from Eaton’s
Electrical Sector combines
high performance with a
familiar limit switch style
housing. Modular, plug-in
components provide
application flexibility, ease of
maintenance, less downtime
and reduced inventory.
Choose from two-wire
sensors with AC/DC
operation, or four-wire
sensors in either AC or DC
styles. Connection options
include terminal, mini-
connector or various lengths
of cable.
Choose from standard
sensors that detect all types
of metallic targets. The next
page provides more detail on
these sensors.
Features
●
Rugged construction is
ideal for industrial
environments
●
Viton gaskets ensure a
positive seal and high
resistance to industry
chemicals
●
Direct replacement for
worn out limit switches
●
Sensor heads and bodies
feature captive screws to
eliminate loss
●
All sensor heads include a
selector switch to program
output function to either
NO or NC
●
Sensor bodies feature
bifurcated engagement
prongs for a reliable
connection when plugging
into receptacle stabs
●
Engagement key between
sensor body and
receptacle prevents
improper assembly
●
Sensors accommodate
both U.S. and DIN
mounting dimensions
●
Wiring terminals feature
captive pressure plate
saddles for #18 to #12
AWG wire. A green screw
identified ground terminal
is also included
●
Logic modules are available
to provide additional
control functions
Standards and Certifications
●
UL Listed, E166051,
E183975
●
CSA Certified, 50513
●
RoHS Compliant
DANGER
THIS SENSOR IS NOT A
SAFETY DEVICE AND IS NOT
INTENDED TO BE USED AS A
SAFETY DEVICE. This sensor
is designed only to detect
and read certain data in an
electronic manner and
perform no use apart from
that, specifically no safety-
related use. This sensor
product does not include
self-checking redundant
circuitry, and the failure of
this sensor product could
cause either an energized
or de-energized output
condition, which could result
in death, serious bodily
injury, or property damage.
For the most current information
on this product, visit our Web site:
www.eaton.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com