công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EMC1814 bảng dữ liệu(PDF) 22 Page - Microchip Technology

tên linh kiện EMC1814
Giải thích chi tiết về linh kiện  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1814 bảng dữ liệu(HTML) 22 Page - Microchip Technology

Back Button EMC1814 Datasheet HTML 18Page - Microchip Technology EMC1814 Datasheet HTML 19Page - Microchip Technology EMC1814 Datasheet HTML 20Page - Microchip Technology EMC1814 Datasheet HTML 21Page - Microchip Technology EMC1814 Datasheet HTML 22Page - Microchip Technology EMC1814 Datasheet HTML 23Page - Microchip Technology EMC1814 Datasheet HTML 24Page - Microchip Technology EMC1814 Datasheet HTML 25Page - Microchip Technology EMC1814 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
Figure 5-3. Temperature Filter Step Response
0
10
20
30
40
50
60
70
80
90
0
2
4
6
8
10
12
14
Samples
Disable
d
Level 2
Level 1
Figure 5-4. Temperature Filter Impulse Response
0
10
20
30
40
50
60
70
80
90
0
2
4
6
8
10
12
14
Samples
Disabled
Level 1
Level 2
The filter consists of a running average on the external diode channel. The Level 1 filter is a running
average of 4x while the Level 2 filter is a running average of 8x. For the first measurement immediately
after power-up, the filter will be filled with the results of the first measurement. After this, the filter is
operated normally. Any temperature comparisons are done with the filtered results that are stored in the
user register.
5.13
Beta Compensation
The EMC1812/13/14/15/33 devices are configured to monitor the temperature of basic diodes (for
example 2N3904) or CPU thermal diodes. It automatically detects the type of external diode (CPU diode
or diode connected transistor) and determines the optimal setting to reduce temperature errors
introduced by beta variation. Compensating for this error is also known as implementing the transistor or
BJT model for temperature measurement.
For discrete transistors configured with the collector and base shorted together, the beta is generally
sufficiently high, such that the percent change in beta variation is very small. For example, a 10%
variation in beta for two forced emitter currents with a transistor whose ideal beta is 50 would contribute
approximately 0.25°C error at +100°C. However, for substrate transistors where the base-emitter junction
is used for temperature measurement and the collector is tied to the substrate, the proportional beta
variation will cause large errors. For example, a 10% variation in beta for two forced emitter currents, with
a transistor whose ideal beta is 0.5, would contribute approximately +8.25°C error at +100°C.
For the EMC1814 and EMC1815 devices, the External Diode 2/3 (EMC1814) and External Diode
channels 3/4 do not support beta compensation.
At the beginning of every conversion, the optimal beta compensation factor setting is determined and
applied. The BETA(N)<2:0> bits are automatically updated to indicate the current setting. This is the
Multi-Channel Low-Voltage Remote Di...
System Block Diagram
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com