công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EMC1814 bảng dữ liệu(PDF) 18 Page - Microchip Technology

tên linh kiện EMC1814
Giải thích chi tiết về linh kiện  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1814 bảng dữ liệu(HTML) 18 Page - Microchip Technology

Back Button EMC1814 Datasheet HTML 14Page - Microchip Technology EMC1814 Datasheet HTML 15Page - Microchip Technology EMC1814 Datasheet HTML 16Page - Microchip Technology EMC1814 Datasheet HTML 17Page - Microchip Technology EMC1814 Datasheet HTML 18Page - Microchip Technology EMC1814 Datasheet HTML 19Page - Microchip Technology EMC1814 Datasheet HTML 20Page - Microchip Technology EMC1814 Datasheet HTML 21Page - Microchip Technology EMC1814 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
The ALERT/THERM2 pin is used as an interrupt signal or as an I2C Alert signal that allows an SMBus/I2C
slave to communicate an error condition to the master. One or more ALERT/THERM2 outputs can be
hard-wired together.
5.5.2
ALERT/THERM2 Pin in Therm Mode
When the ALERT/THERM2 pin is configured to operate in Therm mode, it becomes asserted if any of the
measured temperatures exceed the respective high limit. The ALERT/THERM2 pin remains asserted until
all temperatures drop below the corresponding high limit, minus the Therm Hysteresis value.
When the ALERT/THERM2 pin is asserted in Therm mode, the corresponding high limit Status bits are
set. Reading these bits do not clear them until the ALERT/THERM2 pin is deasserted. Once the ALERT/
THERM2 pin is deasserted, the Status bits are automatically cleared.
The MASK_ALL bit does not block the ALERT/THERM2 pin in this mode; however, the individual channel
masks prevent the respective channel from asserting the ALERT/THERM2 pin.
5.6
THERM Output
The THERM output is asserted independently of the ALERT output and cannot be masked. Whenever
any of the measured temperatures exceed the user-programmed therm limit values for the programmed
number of consecutive measurements, the THERM output is asserted. Once it has been asserted, it
remains asserted until all measured temperatures drop below the therm limit, minus the Therm Hysteresis
(also programmable).
When the THERM pin is asserted, the Therm Status bits are likewise set. Reading these bits does not
clear them until the THERM pin is deasserted. Once the THERM pin is deasserted, the THERM Status
bits are automatically cleared.
5.7
THERM Pin Address Decoding
The address decode is performed by pulling known currents from the VDD pin through the external
resistor, causing the pin voltage to drop based on the respective current/resistor relationship. This pin
voltage is compared against a threshold that determines the value of the pull-up resistor.
The EMC1812/13/14/15/33-A SMBus slave address is determined by the pull-up resistor on the
THERMADDR pin, as shown in the following table.
Table 5-2. I2C/SMBus Address Decode
Pull-Up Resistor on THERM pin (±5%)
SMBus Address
4.7 kΩ
1111_100 (r/w)b
6.8 kΩ
1011_100 (r/w)b
10 kΩ
1001_100 (r/w)b
15 kΩ
1101_100 (r/w)b
22 kΩ
0011_100 (r/w)b
33 kΩ
0111_100 (r/w)b
Multi-Channel Low-Voltage Remote Di...
System Block Diagram
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com