| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S24CS0 bảng dữ liệu(PDF) 19 Page - ABLIC Inc. |
|
|
|||||||||||||||||||||||||||||
S24CS0 bảng dữ liệu(HTML) 19 Page - ABLIC Inc. |
|
19 / 37 page ![]() FOR AUTOMOTIVE 105 °C OPERATION 2-WIRE SERIAL E 2PROM Rev.3.1_03 S-24CS01A/02A/04A H Series 19 Using S-24CS01A/02A/04A 1. Adding a pull-up resistor to SDA I/O pin and SCL input pin Add a 1 k Ω to 5 kΩ pull-up resistor to the SCL input pin *1 and the SDA I/O pin in order to enable the functions of the I 2C-bus protocol. Normal communication cannot be provided without a pull-up resistor. *1. When the SCL input pin of the S-24CS01A/02A/04A is connected to a tri-state output pin of the microprocessor, connect the same pull-up resistor to prevent a high impedance status from being input to the SCL input pin. This protects the S-24CS01A/02A/04A from malfunction due to an undefined output (high impedance) from the tri- state pin when the microprocessor is reset when the voltage drops. 2. Equivalent circuit of input and I/O pin The I/O pins of this IC do not include pull-up and pull-down resistors. The SDA pin is an open-drain output. The following shows the equivalent circuits. SCL Figure 21 SCL Pin SDA Figure 22 SDA Pin |