| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S24CS0 bảng dữ liệu(PDF) 9 Page - ABLIC Inc. |
|
|
|||||||||||||||||||||||||||||
S24CS0 bảng dữ liệu(HTML) 9 Page - ABLIC Inc. |
|
9 / 37 page ![]() FOR AUTOMOTIVE 105 °C OPERATION 2-WIRE SERIAL E 2PROM Rev.3.1_03 S-24CS01A/02A/04A H Series 9 Operation 1. Start condition Start is identified by a high to low transition of the SDA line while the SCL line is stable at high. Every operation begins from a start condition. 2. Stop condition Stop is identified by a low to high transition of the SDA line while the SCL line is stable at high. When a device receives a stop condition during a read sequence, the read operation is interrupted, and the device enters standby mode. When a device receives a stop condition during a write sequence, the reception of the write data is halted, and the S-24CS01A/02A/04A initiates a write cycle. tSU.STA tHD.STA tSU.STO Start Condition Stop Condition SCL SDA Figure 8 Start / Stop Conditions |