| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4989 bảng dữ liệu(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4989 bảng dữ liệu(HTML) 23 Page - STMicroelectronics |
|
23 / 99 page ![]() DocID030181 Rev 2 23/99 AN4989 Compiling for debug 98 3 Compiling for debug This chapter reviews the various options for debug-friendly compiling solutions. 3.1 Optimization Compiler are usually configured by default to optimize performance and/or code size. In most cases, this reduces or even prevents program debugging. The most common symptoms resulting from code optimization are: • Problem to set or reach a breakpoint. Some lines are not accessible. • Impossibility to evaluate a variable (watch feature). • Inconsistency while stepping (what I get, is not what I see). Therefore, for efficient debugging it is recommended to modify the code optimization option. 3.1.1 IAR™ EWARM In Project option -> C/C++Compiler -> Optimization Figure 10. IAR™ EWARM Optimization option |