công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4989 bảng dữ liệu(PDF) 57 Page - STMicroelectronics

tên linh kiện AN4989
Giải thích chi tiết về linh kiện  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4989 bảng dữ liệu(HTML) 57 Page - STMicroelectronics

Back Button AN4989 Datasheet HTML 53Page - STMicroelectronics AN4989 Datasheet HTML 54Page - STMicroelectronics AN4989 Datasheet HTML 55Page - STMicroelectronics AN4989 Datasheet HTML 56Page - STMicroelectronics AN4989 Datasheet HTML 57Page - STMicroelectronics AN4989 Datasheet HTML 58Page - STMicroelectronics AN4989 Datasheet HTML 59Page - STMicroelectronics AN4989 Datasheet HTML 60Page - STMicroelectronics AN4989 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 99 page
background image
DocID030181 Rev 2
57/99
AN4989
Exception handling
98
Independently from the IDE, for projects including the CMSIS library, the content of the
registers in the code can also be printed:
void HardFault_Handler(void)
{
volatile uint32_t csfr= SCB-> CSFR ;
// load into variable
printf ( "SCB-> CSFR 0x%08x \n", SCB-> CSFR) // print
while (1)
{
}
}
The same content can as well be obtained directly from the memory with any memory
browser.
Other faults like UNALIGNED, UNDEFINSTR can be managed in a similar way.
For more details, refer to the relevant programming manual:
•
STM32F10xxx/20xxx/21xxx/L1xxxx Cortex®-M3 programming manual (PM0056)
•
STM32F3, STM32F4 and STM32L4 Series Cortex®-M4 programming manual
(PM0214)
•
STM32F7 Series Cortex®-M7 processor programming manual (PM0253)
Relevant information is also available on partners websites:
•
https://www.iar.com
•
http://www.keil.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99