| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4989 bảng dữ liệu(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4989 bảng dữ liệu(HTML) 69 Page - STMicroelectronics |
|
69 / 99 page ![]() DocID030181 Rev 2 69/99 AN4989 Printf debugging 98 In such a case, simply use printf() / scanf() functions in the code. Input and output of the program are displayed in the Terminal I/O window. 7.4.2 Keil® MDK-ARM µVISION Keil® has no semihosting capability. 7.4.3 SW4STM32 From OpenSTM32 IDE version 1.12.0 and upper, a tutorial to set semihosting is accessible in the local SW4STM32 installation as shown in Figure 49. Follow Help -> Help Content -> SystemWorkbench for STM32 User Guide. Figure 49. Semihosting procedure in SW4STM32 The local STM32 plugins versions are obtained through Help -> About Eclipse as shown in Figure 50 and in Figure 51. |