| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4989 bảng dữ liệu(PDF) 94 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4989 bảng dữ liệu(HTML) 94 Page - STMicroelectronics |
|
94 / 99 page ![]() Managing various targets on the same PC AN4989 94/99 DocID030181 Rev 2 Figure 73. IAR™ Debug Probe Selection with nickname Important: The pop-up window is displayed only at first time. The selection made is then applied by default to further connections. Changing this initial selection requires that the "Debug Probe Selection" display is forced by setting the "Always prompt for probe selection" option in Option -> ST-LINK -> Setup as shown in Figure 74. Figure 74. Probe selection prompt setting on IAR™ |