| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F2145 bảng dữ liệu(PDF) 314 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 bảng dữ liệu(HTML) 314 Page - Renesas Technology Corp |
|
314 / 829 page ![]() Rev. 2.0, 08/02, page 274 of 788 TCR STCR Channel CKS2 CKS1 CKS0 ICKS1 ICKS0 Description 0 0 0 — — Disables clock input 0 0 1 0 — Increments at falling edge of internal clock ø/8 0 0 1 1 — Increments at falling edge of internal clock ø/2 0 1 0 0 — Increments at falling edge of internal clock ø/64 0 1 0 1 — Increments at falling edge of internal clock ø/128 0 1 1 0 — Increments at falling edge of internal clock ø/1024 0 1 1 1 — Increments at falling edge of internal clock ø/2048 TMR_1 1 0 0 — — Increments at compare-match A from TCNT_0* 0 0 0 — — Disables clock input 00 1 — — Increments at falling edge of internal clock ø/4 0 1 0 — — Increments at falling edge of internal clock ø/256 01 1 — — Increments at falling edge of internal clock ø/2048 TMR_Y 1 0 0 — — Disables clock input 0 0 0 — — Disables clock input 0 0 1 — — Increments at falling edge of internal clock ø 0 1 0 — — Increments at falling edge of internal clock ø/2 0 1 1 — — Increments at falling edge of internal clock ø/4 TMR_X 1 0 0 — — Disables clock input 1 0 1 — — Increments at rising edge of external clock 11 0 — — Increments at falling edge of external clock Common 1 1 1 — — Increments at both rising and falling edges of external clock. Note:* If the TMR_0 clock input is set as the TCNT_1 overflow signal and the TMR_1 clock input is set as the TCNT_0 compare-match signal simultaneously, a count-up clock cannot be generated. |