| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F2145 bảng dữ liệu(PDF) 255 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 bảng dữ liệu(HTML) 255 Page - Renesas Technology Corp |
|
255 / 829 page ![]() Rev. 2.0, 08/02, page 215 of 788 8.16.2 Port G Output Data Register (PGODR) PGODR stores output data for the pins on port G. Bit Bit Name Initial Value R/W Description 7 PG7ODR 0 R/W 6 PG6ODR 0 R/W 5 PG5ODR 0 R/W 4 PG4ODR 0 R/W 3 PG3ODR 0 R/W 2 PG2ODR 0 R/W 1 PG1ODR 0 R/W 0 PG0ODR 0 R/W PGODR can always be read or written to, regardless of the contents of PGDDR. 8.16.3 Port G Input Data Register (PGPIN) Reading PGPIN always returns the pin states. Bit Bit Name Initial Value R/W Description 7 PG7PIN Undefined* R 6 PG6PIN Undefined* R 5 PG5PIN Undefined* R 4 PG4PIN Undefined* R 3 PG3PIN Undefined* R 2 PG2PIN Undefined* R 1 PG1PIN Undefined* R 0 PG0PIN Undefined* R PGPIN indicates the port G state. PGPIN has the same address as PGDDR. If a write is performed, the port G settings will change. Note:* The initial value is determined according to the PG7 to PG0 pin states. |