công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F2145 bảng dữ liệu(PDF) 211 Page - Renesas Technology Corp

tên linh kiện HD64F2145
Giải thích chi tiết về linh kiện  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 bảng dữ liệu(HTML) 211 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 207Page - Renesas Technology Corp HD64F2145 Datasheet HTML 208Page - Renesas Technology Corp HD64F2145 Datasheet HTML 209Page - Renesas Technology Corp HD64F2145 Datasheet HTML 210Page - Renesas Technology Corp HD64F2145 Datasheet HTML 211Page - Renesas Technology Corp HD64F2145 Datasheet HTML 212Page - Renesas Technology Corp HD64F2145 Datasheet HTML 213Page - Renesas Technology Corp HD64F2145 Datasheet HTML 214Page - Renesas Technology Corp HD64F2145 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 829 page
background image
Rev. 2.0, 08/02, page 171 of 788
8.5.3
Pin Functions
• P47/PWX1
The pin function is switched as shown below according to the combination of the OEB bit in
DACR of the 14-bit PWM and the P47DDR bit.
OEB
0
1
P47DDR
0
1
—
Pin Function
P47 input pin
P47 output pin
PWX1 output pin
• P46/PWX0
The pin function is switched as shown below according to the combination of the OEA bit in
DACR of the 14-bit PWM and the P46DDR bit.
OEA
0
1
P46DDR
0
1
—
Pin Function
P46 input pin
P46 output pin
PWX0 output pin
• P45/TMRI1/HIRQ12/CSYNCI
The pin function is switched as shown below according to the combination of the HI12E bit in
SYSCR2 and the P45DDR bit.
P45DDR
0
1
HI12E
0
0
1
P45 input pin
P45 output pin
HIRQ12 output pin
Pin Function
TMRI1 input pin, CSYNCI input pin*
Note:* When bits CCLR1 and CCLR0 in TCR1 of TMR_1 are set to 1, this pin is used as the
TMRI1 input pin. It can also be used as the CSYNCI input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More