| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F2145 bảng dữ liệu(PDF) 196 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 bảng dữ liệu(HTML) 196 Page - Renesas Technology Corp |
|
196 / 829 page ![]() Rev. 2.0, 08/02, page 156 of 788 Table 8.1 Port Functions of H8S/2140B, H8S/2141B, H8S/2145B, and H8S/2148B Mode 2 Mode 3 Port Description Mode 1 (EXPE = 1) (EXPE = 0) I/O Status Port 1 General I/O port also functioning as address output and PWM output pins A7 A6 A5 A4 A3 A2 A1 A0 A7/P17/PW7 A6/P16/PW6 A5/P15/PW5 A4/P14/PW4 A3/P13/PW3 A2/P12/PW2 A1/P11/PW1 A0/P10/PW0 P17/PW7 P16/PW6 P15/PW5 P14/PW4 P13/PW3 P12/PW2 P11/PW1 P10/PW0 On-chip input pull-up MOSs Port 2 General I/O port also functioning as address output pin, PWM output pin, and timer connection output pin A15 A14 A13 A12 A11 A10 A9 A8 A15/P27/PW15/ CBLANK A14/P26/PW14 A13/P25/PW13 A12/P24/PW12 A11/P23/PW11 A10/P22/PW10 A9/P21/PW9 A8/P20/PW8 P27/PW15 /CBLANK P26/PW14 P25/PW13 P24/PW12 P23/PW11 P22/PW10 P21/PW9 P20/PW8 On-chip input pull-up MOSs Port 3 General I/O port also functioning as data bus input/output, XBS data bus input/output, and LPC input/output pins D15 D14 D13 D12 D11 D10 D9 D8 P37/ HDB7/SERIRQ* P36/HDB6/LCLK* P35/HDB5/ /5(6(7* P34/HDB4/ /)5$0(* P33/HDB3/LAD3* P32/HDB2/LAD2* P31/HDB1/LAD1* P30/HDB0/LAD0* On-chip input pull-up MOSs |