| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F2145 bảng dữ liệu(PDF) 164 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 bảng dữ liệu(HTML) 164 Page - Renesas Technology Corp |
|
164 / 829 page ![]() Rev. 2.0, 08/02, page 124 of 788 16-Bit, 2-State Access Space: Figures 6.7 to 6.9 show bus timings for a 16-bit, 2-state access space. When a 16-bit access space is accessed, the upper half (D15 to D8) of the data bus is used for even addresses, and the lower half (D7 to D0) for odd addresses. Wait states cannot be inserted. Bus cycle T 1 T 2 Address bus Ø / (IOSE = 0) D15 to D8 Valid D7 to D0 Invalid Read D15 to D8 Valid D7 to D0 Undefined Write High level / (IOSE = 1) Figure 6.7 Bus Timing for 16-Bit, 2-State Access Space (Even Byte Access) |