| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F2145 bảng dữ liệu(PDF) 133 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 bảng dữ liệu(HTML) 133 Page - Renesas Technology Corp |
|
133 / 829 page ![]() Rev. 2.0, 08/02, page 93 of 788 • KMIMR Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 KMIMR7 KMIMR6 KMIMR5 KMIMR4 KMIMR3 KMIMR2 KMIMR1 KMIMR0 1 0 1 1 1 1 1 1 R/W R/W R/W R/W R/W R/W R/W R/W Keyboard Matrix Interrupt Mask 7 to 0 These bits enable or disable a key-sensing input interrupt request (KIN7 to KIN0). KMIMR6 also performs interrupt request mask control for pin ,549. 0: Enables a key-sensing input interrupt request 1: Disables a key-sensing input interrupt request • WUEMRB* Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 WUEMR7 WUEMR6 WUEMR5 WUEMR4 WUEMR3 WUEMR2 WUEMR1 WUEMR0 1 1 1 1 1 1 1 1 R/W R/W R/W R/W R/W R/W R/W R/W Wake-Up Event Interrupt Mask 7 to 0 These bits enable or disable a wake-up event input interrupt request (WUE7 to WUE0). 0: Enables a wake-up event input interrupt request 1: Disables a wake-up event input interrupt request Note:* Not supported by the H8S/2148B. Figure 5.2 shows the relationship between interrupts IRQ7 and IRQ6, interrupts KIN15 to KIN0, interrupts WUE7 to WUE0, and registers KMIMRA, KMIMR, and WUEMRB. |