| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F2145 bảng dữ liệu(PDF) 113 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 bảng dữ liệu(HTML) 113 Page - Renesas Technology Corp |
|
113 / 829 page ![]() Rev. 2.0, 08/02, page 73 of 788 Note: These areas can be used as an external address space by clearing bit RAME in SYSCR to 0. Mode 2 (EXPE = 0) Advanced mode Single-chip mode H'01FFFF H'020000 H'000000 On-chip ROM External address space On-chip ROM Mode 2 (EXPE = 1) Advanced mode Extended mode with on-chip ROM enabled Internal I/O registers 2 On-chip RAM Internal I/O registers 1 On-chip RAM (128 bytes) Internal I/O registers 2 On-chip RAM* Internal I/O registers 1 H'FFE080 H'FFFEFF H'FFFFFF H'FFFE50 H'FFFF7F H'FFFF80 H'FFFF00 On-chip RAM (128 bytes)* External address space Internal I/O registers 3 Internal I/O registers 3 H'FFF800 H'FFFE4F H'FFF7FF H'FFEFFF H'FFF000 H'0000 External address space Mode 1 Normal mode Extended mode with on-chip ROM disabled Internal I/O registers 2 On-chip RAM* Internal I/O registers 1 H'E080 H'FEFF H'FFFF H'FE50 H'FF7F H'FF80 H'FF00 On-chip RAM (128 bytes)* External address space Internal I/O registers 3 H'F800 H'FE4F H'F7FF H'EFFF H'F000 H'01FFFF H'000000 H'FFE080 H'FFFEFF H'FFFFFF H'FFFE50 H'FFFF7F H'FFFF80 H'FFFF00 H'FFF800 H'FFFE4F H'FFEFFF Figure 3.3 Address Map for H8S/2141B and H8S/2161B (1) |