công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

56F802 bảng dữ liệu(PDF) 19 Page - Freescale Semiconductor, Inc

tên linh kiện 56F802
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controllers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F802 bảng dữ liệu(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 56F802 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Flash Memory Characteristics
56F802 Technical Data, Rev. 7
Freescale Semiconductor
19
Figure 3-3 shows the definitions of the following signal states:
•
Active state, when a bus or signal is driven, and enters a low impedance state
•
Tri-stated, when a bus or signal is placed in a high impedance state
•
Data Valid state, when a signal level has reached VOL or VOH
•
Data Invalid state, when a signal level is in transition between VOL and VOH
Figure 3-3 Signal States
3.4 Flash Memory Characteristics
Table 3-5 Flash Memory Truth Table
Mode
XE1
1. X address enable, all rows are disabled when XE = 0
YE2
2. Y address enable, YMUX is disabled when YE = 0
SE3
3. Sense amplifier enable
OE4
4. Output enable, tri-state Flash data out bus when OE = 0
PROG5
5. Defines program cycle
ERASE6
6. Defines erase cycle
MAS17
7. Defines mass erase cycle, erase whole block
NVSTR8
8. Defines non-volatile store cycle
Standby
L
L
L
L
L
L
L
L
Read
H
H
H
H
L
L
L
L
Word Program
H
H
L
L
H
L
L
H
Page Erase
H
L
L
L
L
H
L
H
Mass Erase
H
L
L
L
L
H
H
H
Data Invalid State
Data1
Data2 Valid
Data
Tri-stated
Data3 Valid
Data2
Data3
Data1 Valid
Data Active
Data Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com