công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

56F802 bảng dữ liệu(PDF) 28 Page - Freescale Semiconductor, Inc

tên linh kiện 56F802
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controllers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F802 bảng dữ liệu(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 56F802 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
56F802 Technical Data, Rev. 7
28
Freescale Semiconductor
3.9 Analog-to-Digital Converter (ADC) Characteristics
Table 3-13 ADC Characteristics
Characteristic
Symbol
Min
Typ
Max
Unit
ADC input voltages
VADCIN
01
1. For optimum ADC performance,keep the minimum VADCIN value > 250mV. Inputs less than 250mV volts may convert
to a digital output code of 0 or cause erroneous conversions.
—
VREF2
2. VREF must be equal to or less than VDDA - 0.3V and must be greater than 2.7V.
V
Resolution
RES
12
—
12
Bits
Integral Non-Linearity3
3. Measured in 10-90% range.
INL
—
+/- 4
+/- 5
LSB4
4. LSB = Least Significant Bit.
Differential Non-Linearity
DNL
—
+/- 0.9
+/- 1
LSB3
Monotonicity
GUARANTEED
ADC internal clock5
5. Guaranteed by characterization.
fADIC
0.5
—
5
MHz
Conversion range
RAD
VSSA
—
VDDA
V
Power-up time
tADPU
—
2.5
—
msec
Conversion time
tADC
—
6
—
tAIC cycles6
6. tAIC = 1/fADIC
Sample time
tADS
—
1
—
tAIC cycles6
Input capacitance
CADI
—
5
—
pF6
Gain Error (transfer gain)5
EGAIN
1.00
1.10
1.15
—
Offset Voltage5
VOFFSET
+10
+230
+325
mV
Total Harmonic Distortion5
THD
55
60
—
dB
Signal-to-Noise plus Distortion5
SINAD
54
56
—
—
Effective Number of Bits5
ENOB
8.5
9.5
—
bit
Spurious Free Dynamic Range5
SFDR
60
65
—
dB
Spurious Free Dynamic Range
SFDR
65
70
—
dB
ADC Quiescent Current (both ADCs)
IADC
—
50
—
mA
VREF Quiescent Current (both ADCs)
IVREF
—
12
16.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com