công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADV7330KST bảng dữ liệu(PDF) 64 Page - Analog Devices

tên linh kiện ADV7330KST
Giải thích chi tiết về linh kiện  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADV7330KST bảng dữ liệu(HTML) 64 Page - Analog Devices

Back Button ADV7330KST Datasheet HTML 60Page - Analog Devices ADV7330KST Datasheet HTML 61Page - Analog Devices ADV7330KST Datasheet HTML 62Page - Analog Devices ADV7330KST Datasheet HTML 63Page - Analog Devices ADV7330KST Datasheet HTML 64Page - Analog Devices ADV7330KST Datasheet HTML 65Page - Analog Devices ADV7330KST Datasheet HTML 66Page - Analog Devices ADV7330KST Datasheet HTML 67Page - Analog Devices ADV7330KST Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
REV. B
–64–
ADV7330
Mode 2—Slave Option
(Timing Register 0 TR0 = X X X X X 1 0 0)
In this mode, the ADV7330 accepts horizontal and vertical
sync signals. A coincident low transition of both
HSYNC_I/P
and
VSYNC_I/P inputs indicates the start of an odd field. A
VSYNC_I/P low transition when HSYNC_I/P is high indicates
the start of an even field. The blank signal is optional. When the
blank input is disabled, the ADV7330 automatically blanks all
normally blank lines as per CCIR-624.
HSYNC is input on the
HSYNC_I/P pin, BLANK on the BLANK_I/P pin, and VSYNC
on the
VSYNC_I/P pin.
522
523
524
525
1234
5
678
9
10
11
20
21
22
DISPLAY
DISPLAY
VERTICAL BLANK
ODD FIELD
EVEN FIELD
260
261
262
263
264
265
266
267
268
269
270
271
272
273
274
283
284
285
ODD FIELD
EVEN FIELD
DISPLAY
DISPLAY
VERTICAL BLANK
HSYNC_I/P
BLANK_I/P
VSYNC_I/P
HSYNC_I/P
BLANK_I/P
VSYNC_I/P
Figure 76. SD Slave Mode 2 (NTSC)
622
623
624
625
1234
5
67
21
22
23
DISPLAY
VERTICAL BLANK
ODD FIELD
EVEN FIELD
DISPLAY
309
310
311
312
313
314
315
316
317
318
319
334
335
336
DISPLAY
VERTICAL BLANK
ODD FIELD
EVEN FIELD
DISPLAY
320
HSYNC_I/P
BLANK_I/P
VSYNC_I/P
HSYNC_I/P
BLANK_I/P
VSYNC_I/P
Figure 77. SD Slave Mode 2 (PAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76