| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAC5687IPZP bảng dữ liệu(PDF) 54 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DAC5687IPZP bảng dữ liệu(HTML) 54 Page - Texas Instruments |
|
54 / 72 page ![]() www.ti.com RT 200 Ω CLK 1:4 CLKC Termination Resistor Swing Limitation Optional, May Be Bypassed for Sine Wave Input CAC 0.1 µF S0029-01 Ropt 22 Ω CLK 1:1 CLKC Optional, Reduces Clock Feedthrough CAC 0.01 µF TTL/CMOS Source Ropt 22 Ω CLK CLKC Node CLKC Internally Biased to CLKVDD 2 TTL/CMOS Source 0.01 µF S0030-01 RT 130 Ω CAC 0.1 µF CAC 0.1 µF RT 130 Ω VTT Differential ECL or (LV)PECL Source + – CLK CLKC RT 82.5 Ω RT 82.5 Ω 100 Ω S0031-01 Power Up Sequence DAC5687 SLWS164B – FEBRUARY 2005 – REVISED JUNE 2005 Figure 62. Preferred Clock Input Configuration Figure 63. Driving the DAC5687 With a Single-Ended TTL/CMOS Clock Source Figure 64. Driving the DAC5687 With Differential ECL/PECL Clock Source In all conditions, bring up DVDD first. If PLLVDD is powered (PLL on), CLKVDD should be powered before or simultaneously with PLLVDD. AVDD, CLKVDD, and IOVDD can be powered simultaneously or in any order. Within AVDD, the multiple AVDD pins should be powered simultaneously. 54 |