| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HY27SF161G2M-VIP bảng dữ liệu(PDF) 48 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
HY27SF161G2M-VIP bảng dữ liệu(HTML) 48 Page - Hynix Semiconductor |
|
48 / 48 page ![]() Rev 0.7 / Apr. 2005 48 Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash 2. Automatic sleep mode for low power consumption The device provides the automatic sleep function for low power consumption. The device enters the automatic sleep mode by keeping CE# at VIH level for 10us without any additional command input, and exits simply by lowering CE# to VIL level. Typically, consecutive operation is executable right after deactivating the automatic sleep mode, while tCS of 2us is required prior to following operation as shown in Fig.34. Figure 35: tCS setting when deactivating the auto sleep mode |