công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HY27SF161G2M-VIP bảng dữ liệu(PDF) 35 Page - Hynix Semiconductor

tên linh kiện HY27SF161G2M-VIP
Giải thích chi tiết về linh kiện  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27SF161G2M-VIP bảng dữ liệu(HTML) 35 Page - Hynix Semiconductor

Back Button HY27SF161G2M-VIP Datasheet HTML 31Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 32Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 33Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 34Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 35Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 36Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 37Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 38Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 39Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Rev 0.7 / Apr. 2005
35
Preliminary
HY27UF(08/16)1G2M Series
HY27SF(08/16)1G2M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
System Interface Using CE don’t care
To simplify system interface, CE may be deasserted during data loading or sequential data-reading as shown below.
So, it is possible to connect NAND Flash to a microporcessor. The only function that was removed from standard NAND
Flash to make CE don’t care read operation was disabling of the automatic sequential read function.
Figure 23: Program Operation with CE don’t-care.
Figure 24: Read Operation with CE don’t-care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48