| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HY27SF161G2M-VIP bảng dữ liệu(PDF) 41 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
HY27SF161G2M-VIP bảng dữ liệu(HTML) 41 Page - Hynix Semiconductor |
|
41 / 48 page ![]() Rev 0.7 / Apr. 2005 41 Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash 5. APPENDIX : Extra Features 5.1 Automatic Page0 Read after Power Up The timing diagram related to this operation is shown in Fig. 24 Due to this functionality the CPU can directly download the boot loader from the first page of the NAND flash, storing it inside the internal cache and starting the execution after the download completed. 5.2 Addressing for program operation Within a block, the pages must be programmed consecutively from LSB (least significant bit) page of the block to MSB (most significant bit) page of the block. Random address programming is prohibited. See Fig. 28. |