công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AAA3528SEEZGKQBKS bảng dữ liệu(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

tên linh kiện AAA3528SEEZGKQBKS
Giải thích chi tiết về linh kiện  3.5 x 2.8 mm Surface Mount LED Lamp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Trang chủ  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AAA3528SEEZGKQBKS bảng dữ liệu(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AAA3528SEEZGKQBKS Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAA3528SEEZGKQBKS Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAA3528SEEZGKQBKS Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAA3528SEEZGKQBKS Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAA3528SEEZGKQBKS Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2019 Kingbright. All Rights Reserved. Spec No: DSAO2421 / 1201008340 Rev No: V.4B Date: 04/11/2019
Page 2 / 5
ABSOLUTE MAXIMUM RATINGS at TA=25°C
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
AAA3528SEEZGKQBKS
Parameter
Symbol
Emitting Color
Value
Unit
Typ.
Max.
Wavelength at Peak Emission IF = 20mA
λpeak
Hyper Red
Green
Blue
630
515
460
-
nm
Dominant Wavelength IF = 20mA
λdom
[1]
Hyper Red
Green
Blue
621
525
465
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 20mA
Δλ
Hyper Red
Green
Blue
20
35
25
-
nm
Capacitance
C
Hyper Red
Green
Blue
25
45
100
-
pF
Forward Voltage IF = 20mA
VF
[2]
Hyper Red
Green
Blue
2.0
3.3
3.3
2.5
4.1
4.0
V
Reverse Current (VR = 5V)
IR
Hyper Red
Green
Blue
-
10
50
50
μA
Temperature Coefficient of λpeak
IF = 20mA, -10°C ≤ T ≤ 85°C
TCλpeak
Hyper Red
Green
Blue
0.13
0.05
0.04
-
nm/°C
Temperature Coefficient of λdom
IF = 20mA, -10°C ≤ T ≤ 85°C
TCλdom
Hyper Red
Green
Blue
0.06
0.03
0.03
-
nm/°C
Temperature Coefficient of VF
IF = 20mA, -10°C ≤ T ≤ 85°C
TCV
Hyper Red
Green
Blue
-1.9
-2.9
-2.9
-
mV/°C
Notes:
1. The dominant wavelength (λd) above is the setup value of the sorting machine. (Tolerance λd: ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
Parameter
Symbol
Value
Unit
Hyper Red
Green
Blue
Power Dissipation
PD
125
123
120
mW
Reverse Voltage
VR
5
5
5
V
Junction Temperature
Tj
115
115
115
°C
Operating Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
°C
DC Forward Current
IF
50
30
30
mA
Peak Forward Current
IFM
[1]
195
150
150
mA
Electrostatic Discharge Threshold (HBM)
-
3000
450
250
V
Thermal Resistance (Junction / Ambient)
Rth JA
[2]
340
320
350
°C/W
Thermal Resistance (Junction / Solder point)
Rth JS
[2]
190
190
240
°C/W
-40 to +85
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Rth JA ,Rth JS Results from mounting on PC board FR4 (pad size ≥ 16 mm
2 per pad).
3. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com