công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AAA3528SEEZGKQBKS bảng dữ liệu(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

tên linh kiện AAA3528SEEZGKQBKS
Giải thích chi tiết về linh kiện  3.5 x 2.8 mm Surface Mount LED Lamp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Trang chủ  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AAA3528SEEZGKQBKS bảng dữ liệu(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AAA3528SEEZGKQBKS Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAA3528SEEZGKQBKS Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAA3528SEEZGKQBKS Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAA3528SEEZGKQBKS Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAA3528SEEZGKQBKS Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2019 Kingbright. All Rights Reserved. Spec No: DSAO2421 / 1201008340 Rev No: V.4B Date: 04/11/2019
Page 1 / 5
PACKAGE DIMENSIONS
SELECTION GUIDE
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
3. Luminous intensity value is traceable to CIE127-2007 standards.
AAA3528SEEZGKQBKS
3.5 x 2.8 mm Surface Mount LED Lamp
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
DESCRIPTIONS
The Hyper Red source color devices are made with
AlGaInP on GaAs substrate Light Emitting Diode
The Green source color devices are made with InGaN
on Sapphire Light Emitting Diode
The Blue source color devices are made with InGaN
Light Emitting Diode
Electrostatic discharge and power surge could
Damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
Suitable for all SMD assembly and solder process
Available on tape and reel
Package: 2000 pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 20mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
AAA3528SEEZGKQBKS
Hyper Red
(AlGaInP)
Water Clear
120
220
Green (InGaN)
400
500
Blue (InGaN)
55
100
120
°
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
香港至恩科技有限公司  
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Số phần tương tự - AAA3528SEEZGKQBKS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kingbright Corporation
AAA3528SEEZGKQBKS KINGBRIGHT-AAA3528SEEZGKQBKS Datasheet
335Kb / 8P
3.5x2.8mm SURFACE MOUNT LED LAMP
More results

Mô tả tương tự - AAA3528SEEZGKQBKS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
HK TO-GRACE TECHNOLOGY ...
AAA3528LSEKJ3ZGKQBKS TO-GRACE-AAA3528LSEKJ3ZGKQBKS Datasheet
1Mb / 5P
3.5 x 2.8 mm Surface Mount LED Lamp
AAA3528QWDSURKS TO-GRACE-AAA3528QWDSURKS Datasheet
956Kb / 5P
3.5 x 2.8 mm Surface Mount LED Lamp
AAA3528QWDSYKS-AMT TO-GRACE-AAA3528QWDSYKS-AMT Datasheet
1Mb / 6P
3.5 x 2.8 mm Surface Mount LED Lamp
AM2520QBC-D03 TO-GRACE-AM2520QBC-D03 Datasheet
823Kb / 4P
3.5 x 2.8 mm Surface Mount LED Lamp
AA3528LZGCKT TO-GRACE-AA3528LZGCKT Datasheet
870Kb / 4P
3.5 x 2.8 mm Surface Mount LED Lamp
AA3528SECKT-J3 TO-GRACE-AA3528SECKT-J3 Datasheet
866Kb / 4P
3.5 x 2.8 mm Surface Mount LED Lamp
AA3528SESK-J3 TO-GRACE-AA3528SESK-J3 Datasheet
901Kb / 4P
3.5 x 2.8 mm Surface Mount LED Lamp
AA3528SYCKT-AMT TO-GRACE-AA3528SYCKT-AMT Datasheet
979Kb / 5P
3.5 x 2.8 mm Surface Mount LED Lamp
AA3528VR41S-W2 TO-GRACE-AA3528VR41S-W2 Datasheet
852Kb / 5P
3.5 x 2.8 mm Surface Mount LED Lamp
AA3528VR41S-W2-AMT TO-GRACE-AA3528VR41S-W2-AMT Datasheet
1Mb / 6P
3.5 x 2.8 mm Surface Mount LED Lamp
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com