công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AAA3528SEEZGKQBKS bảng dữ liệu(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

tên linh kiện AAA3528SEEZGKQBKS
Giải thích chi tiết về linh kiện  3.5 x 2.8 mm Surface Mount LED Lamp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Trang chủ  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AAA3528SEEZGKQBKS bảng dữ liệu(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AAA3528SEEZGKQBKS Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAA3528SEEZGKQBKS Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAA3528SEEZGKQBKS Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAA3528SEEZGKQBKS Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAA3528SEEZGKQBKS Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
© 2019 Kingbright. All Rights Reserved. Spec No: DSAO2421 / 1201008340 Rev No: V.4B Date: 04/11/2019
Page 4 / 5
AAA3528SEEZGKQBKS
TAPE SPECIFICATIONS (units : mm)
REEL DIMENSION (units : mm)
REFLOW SOLDERING PROFILE for LEAD-FREE SMD PROCESS
Notes:
1. Don't cause stress to the LEDs while it is exposed to high temperature.
2. The maximum number of reflow soldering passes is 2 times.
3. Reflow soldering is recommended. Other soldering methods are not recommended as they might
cause damage to the product.
HANDLING PRECAUTIONS
Compare to epoxy encapsulant that is hard and brittle, silicone is softer and flexible. Although its characteristic significantly reduces thermal stress, it is
more susceptible to damage by external mechanical force. As a result, special handling precautions need to be observed during assembly using silicone
encapsulated LED products. Failure to comply might lead to damage and premature failure of the LED.
2. Do not directly touch or handle the silicone lens
surface. It may damage the internal circuitry.
1. Handle the component along the
side surfaces by using forceps or
appropriate tools.
3. Do not stack together assembled
PCBs containing exposed LEDs.
Impact may scratch the silicone lens
or damage the internal circuitry.
4-1. The inner diameter of the SMD pickup nozzle should not exceed the size of the LED to prevent air leaks.
4-2. A pliable material is suggested for the nozzle tip to avoid scratching or damaging the LED surface during pickup.
4-3. The dimensions of the component must be accurately programmed in the pick-and-place machine to insure
precise pickup and avoid damage during production.
5. As silicone encapsulation is permeable to gases, some corrosive substances such as H2S might corrode silver
plating of lead frame. Special care should be taken if an LED with silicone encapsulation is to be used near such
substances.



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com