| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MT7697DIN bảng dữ liệu(PDF) 77 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MT7697DIN bảng dữ liệu(HTML) 77 Page - List of Unclassifed Manufacturers |
|
77 / 84 page ![]() MT7697D Internet-of-Things Wireless Connectivity © 2016 MediaTek Inc. Page 77 of 84 This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s). Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited. Table 5-3. Pin Multiplexing Pin Pin alias APGIO/ GPIO Name Dir Default dir Default PU/PD Description Pinx_pinmux_aon_sel Pinx_pinmux_off_sel Address Value Value 5 GPIO0 AGPIO MCU_JTCK I I PD N9 JTAG debug port 0x8102_3020[3:0] 0 0x8002_5100[3:0] (0x8102_3020[3:0]=0) 0 ANTSEL[0] O RF control - 1 UART0_RTS_CM4 O UART0 RTS (CM4) 7 3 GPIO_TOPOFF[0] I/O General purpose input output - 5 GPIO_TOPAON[0] O General purpose input output 8 - PWM[0] I/O Pulse-width-modulated output 9 - EINT[0] I External interrupt 3 - 6 GPIO1 AGPIO MCU_JTMS I I PD N9 JTAG debug port 0x8102_3020[7:4] 0 0x8002_5100[7:4] (0x8102_3020[7:4]=0) 0 ANTSEL[1] O RF control - 1 UART0_CTS_CM4 I UART0 CTS (CM4) 7 3 GPIO_TOPOFF[1] I/O General purpose input output - 5 GPIO_TOPAON[1] I/O General purpose input output 8 - PWM[1] O Pulse-width-modulated output 9 - EINT[1] I External interrupt 3 - 7 GPIO2 AGPIO MCU_JTDI I I PD N9 JTAG debug port 0x8102_3020[11:8] 0 0x8002_5100[11:8] (0x8102_3020[11:8]=0) 0 ANTSEL[2] O RF control - 1 MCU_AICE_TMSC I/O N9 debug - 2 UART0_RX_CM4 I UART0 RX (CM4) 7 3 SWD_CLK O CM4 SWD debug port 4 4 GPIO_TOPOFF[2] I/O General purpose input output - 5 GPIO_TOPAON[2] I/O General purpose input output 8 - PWM[23] O Pulse-width-modulated output 9 - WIC[0] I External interrupt 3 - 8 GPIO3 AGPIO MCU_JTRST_B I I PD N9 JTAG debug port 0x8102_3020[15:12] 0 0x8002_5100[15:12] (0x8102_3020[15:12]=0) 0 ANTSEL[3] O RF control - 1 [Reserved] I [Reserved] - 2 UART0_TX_CM4 O UART0 TX (CM4) 7 3 SWD_DIO I/O CM4 SWD debug port 4 4 GPIO_TOPOFF[3] I/O General purpose input output - 5 GPIO_TOPAON[3] I/O General purpose input output 8 - PWM[24] O Pulse-width-modulated output 9 - EINT[2] I External interrupt 3 - PULSE_CNT I Pulse counter 2 - 9 GPIO4 GPIO MCU_DBGIN I I PD N9 JTAG debug port 0x8102_3020[19:16] 0 0x8002_5100[19:16] (0x8102_3020[19:16]=0) 0 ANTSEL[4] O RF control - 1 MCU_AICE_TCKC I N9 debug - - SPI_DATA0_EXT * I/O External flash interface 7 3 GPIO_TOPOFF[4] I/O General purpose input output - 5 GPIO_TOPAON[4] I/O General purpose input output 8 - PWM[2] O Pulse-width-modulated output 9 - EINT[3] I External interrupt 3 - 10 GPIO5 GPIO [Debug flag] O O(Lo w) Debug monitor pin 0x8102_3020[23:20] 0 0x8002_5100[23:20] (0x8102_3020[23:20]=0) 0 ANTSEL[5] O RF control - 1 SPI_DATA1_EXT * O External flash interface 7 3 GPIO_TOPOFF[5] I/O I General purpose input output - 5 GPIO_TOPAON[5] I/O General purpose input output 8 - PWM[3] O Pulse-width-modulated output 9 - EINT[4] I External interrupt 3 - |