công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25LB256DFIS bảng dữ liệu(PDF) 71 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25LB256DFIS
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB256DFIS bảng dữ liệu(HTML) 71 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB256DFIS Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIS Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIS Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIS Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIS Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIS Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIS Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIS Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB256DFIS Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB256D
71
8.6.
AC CHARACTERISTICS
(T= -40℃~85℃, VCC=1.65~2.0V, CL=30pf)
Symbol
Parameter
Min.
Typ.
Max.
Unit.
fC
Serial Clock Frequency For: all command except for 03H
120
MHz
fR
Serial Clock Frequency For: Read (03H)
80
MHz
tCLH
Serial Clock High Time
3.5
ns
tCLL
Serial Clock Low Time
3.5
ns
tCLCH
Serial Clock Rise Time (Slew Rate)
0.1
V/ns
tCHCL
Serial Clock Fall Time (Slew Rate)
0.1
V/ns
tSLCH
CS# Active Setup Time
5
ns
tCHSH
CS# Active Hold Time
5
ns
tSHCH
CS# Not Active Setup Time
5
ns
tCHSL
CS# Not Active Hold Time
5
ns
tSHSL
CS# High Time (Read/Write)
20
ns
tSHQZ
Output Disable Time
6
ns
tCLQX
Output Hold Time
1.2
ns
tDVCH
Data In Setup Time
2
ns
tCHDX
Data In Hold Time
2
ns
tCLQV
Clock Low To Output Valid
7
ns
tRST
CS# High To Next Command After Reset (Except From Erase)
30
μs
tRST_E
CS# High To Next Command After Reset (From Erase)
12
ms
tDP
CS# High To Deep Power-Down Mode
20
μs
tRES1
CS# High To Standby Mode Without Electronic Signature Read
20
μs
tRES2
CS# High To Standby Mode With Electronic Signature Read
20
μs
tSUS
CS# High To Next Command After Suspend
20
μs
tRS
Latency Between Resume And Next Suspend
100
μs
tW
Write Status Register Cycle Time
10
60
ms
tPP
Page Programming Time
0.5
2.4
ms
tSE
Sector Erase Time
70
400
ms
tBE1
Block Erase Time (32K Bytes)
0.16
0.8
s
tBE2
Block Erase Time (64K Bytes)
0.3
1.2
s
tCE
Chip Erase Time (GD25LB256D)
100
240
s
Note:
1. Typical values given for TA=25°C.
2. Value guaranteed by design and/or characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com