công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD5F1GQ4RFFFS bảng dữ liệu(PDF) 57 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD5F1GQ4RFFFS
Giải thích chi tiết về linh kiện  SPI(x1/x2/x4) NAND Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4RFFFS bảng dữ liệu(HTML) 57 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4RFFFS Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFFS Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFFS Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFFS Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFFS Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFFS Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFFS Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFFS Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RFFFS Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
SPI(x1/x2/x4) NAND Flash
1G
57
23 REVISION HISTORY
Version No
Description
Date
Page
AGE
1. Initial Release
2. Add RESET function description with ch13.2
3. Add RESET# pin on Connection Diagram ch3.2
4. Update read ID/UID/CID/parameter page on ch10.
2017-06-14
1.1
Add parameter page CRC value
2017-07-14
1.2
Modify Package WSON8 (6*8mm)
2017-07-20
1.3
Modify the Number of Figure and Table
Modify Package ‘R’ description
Reduce the size of parameter page device model table
Modify Read CID command sequence description
Add automatically read first page of fist block to cache after
RESET (FFH)
2017-09-01
1.4
Add the Note article 4 of Page Program
2017-10-23
1.5
Add the chapter of Valid Part Numbers
2017-11-03
1.6
Add the description of 1Gb SLC NAND Flash
Add the description of Reliability
Delete Valid Part Number of GD5F1GQ4UF9IG
Modify the Figure of Program Load Sequence Diagram typo
Modify the package of LGA8
2017-12-11
1.7
Modify the package of WSON8,SOP16 300mil,TFBGA24
Modify the typo of LGA8
Dec.27.2017
1.8
Add LGA8 package description for hardware reset section
2018-1-16
1.9
Modify some typo
Add Temperature Range J:Industrial(-40
℃ to 105℃) and related
description
Change Memory Mapping CA from<12:0> to <11:0>
Add byte1 and byte2 for two Device ID in Read Sequence Diagram
Add page size 2048bytes + 64bytes with ECC enabled
Modify
figures11-1,11-2,11-4,11-5,11-6
from
Byte
2175
to
2175/2111 and add a note to explain
Change Parameter page table Byte 105-106 and 108-109,and
change CRC Value
Merge chapters 2.1 and 21.1
Change the description of protection with WP# Pin
2018-2-13
2.0
Add Temperature Range F:Industrial+ (-40
℃ to 85℃)
2018-3-12
2.1
Modify the Value of Applied Input/ Output Voltage and VCC in
Chapter16
Modify the description of LGA8 6*8mm package
Update Ordering Information
2018-7-25
2.2
Modify the file name
2018-10-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com