công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPA818 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện OPA818
Giải thích chi tiết về linh kiện  2.7-GHz, 13-V, Gain of 7-V/V Stable, FET-Input Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

OPA818 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button OPA818 Datasheet HTML 4Page - Texas Instruments OPA818 Datasheet HTML 5Page - Texas Instruments OPA818 Datasheet HTML 6Page - Texas Instruments OPA818 Datasheet HTML 7Page - Texas Instruments OPA818 Datasheet HTML 8Page - Texas Instruments OPA818 Datasheet HTML 9Page - Texas Instruments OPA818 Datasheet HTML 10Page - Texas Instruments OPA818 Datasheet HTML 11Page - Texas Instruments OPA818 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
+
±
VIN
RG
VREF
VREF
RF
VSIG
VREF
±(RF / RG) × VSIG
VOUT
VS+
V
+
±
VIN
RG
VREF
VREF
RF
VSIG
VREF
(1 + RF / RG) × VSIG
VOUT
VS+
V
8
OPA818
SBOS940 – MAY 2019
www.ti.com
Product Folder Links: OPA818
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The OPA818 is a 13 V supply, 2.7 GHz gain-bandwidth product (GBWP), voltage feedback operational amplifier
(op amp) featuring a 2.2nV/
√Hz low noise JFET input stage. The OPA818 is decompensated to be normally
stable in gains
≥ 7 V/V. The decompensated architecture allows for a favorable tradeoff of low quiescent current
for a very high GBWP and low distortion performance in high gain applications. The high voltage capability
combined with 1400 V/µs slew rate enables applications needing wide output swings (10 VPP at VS = 12 V) for
high frequency signals such as those often found in optical front-end, test and measurement applications, and
medical systems. The low noise JFET input with pico amperes of bias current makes the device particularly
attractive for high transimpedance gain TIA applications and for test and measurement front-ends. OPA818 also
features power down mode that disables the core amplifier for power savings.
OPA818 is built using TI's proprietary high-voltage high-speed complementary bipolar SiGe process.
7.2 Functional Block Diagram
The OPA818 is a conventional voltage feedback op amp with two high-impedance inputs and a low-impedance
output. Standard amplifier configurations are supported like the two basic configurations shown in Figure 6 and
Figure 7. The DC operating point for each configuration is level-shifted by the reference voltage (VREF), which is
typically set to midsupply in single-supply operation. VREF is typically set to ground in split-supply applications.
Figure 6. Noninverting Amplifier
Figure 7. Inverting Amplifier
7.3 Feature Description
7.3.1 Input and ESD Protection
The OPA818 is built using a very high speed complementary bipolar process. The internal junction breakdown
voltages are relatively low for these very small geometry devices. These breakdowns are reflected in the
Absolute Maximum Ratings table. All device pins are protected with internal ESD protection diodes to the power
supplies as shown in Figure 8.
These diodes provide moderate protection to input overdrive voltages beyond the supplies as well. The
protection diodes can typically support 10-mA continuous current. Where higher currents are possible (for
example, in systems with ±12-V supply parts driving into the OPA818), current limiting series resistors should be
added in series with the two inputs to limit the current. Keep these resistor values as low as possible because
high values degrade both noise performance and frequency response. There are no back-to-back ESD diodes
between VIN+ and VIN–. As a result, the differential input voltage between VIN+ and VIN– is entirely absorbed by the
VGS of the input JFET differential pair and must not exceed the voltage ratings shown in Absolute Maximum
Ratings table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com