công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ESP32-D0WD bảng dữ liệu(PDF) 58 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

tên linh kiện ESP32-D0WD
Giải thích chi tiết về linh kiện  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Trang chủ  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-D0WD bảng dữ liệu(HTML) 58 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-D0WD Datasheet HTML 52Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 53Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 54Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 55Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 56Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 57Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 58Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 59Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 60Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
Revision History
Revision History
Date
Version
Release notes
2019.04
V3.0
Added information about the setup and hold times for the strapping pins in Section
2.4: Strapping Pins.
2019.02
V2.9
Applied new formatting to Table 1: Pin Description;
Fixed typos with respect to the ADC1 channel mappings in Table 10: Peripheral
Pin Configurations.
2019.01
V2.8
Changed the RF power control range in Table 18, Table 20 and Table 22 from –12
~ +12 to –12 ~ +9 dBm;
Small text changes.
2018.11
V2.7
Updated Section 1.5;
Updated pin statuses at reset and after reset in Table IO_MUX.
2018.10
V2.6
Updated QFN package drawings in Chapter 6: Package Information.
2018.08
V2.5
• Added ”Cumulative IO output current” entry to Table 11: Absolute Maximum
Ratings;
• Added more parameters to Table 13: DC Characteristics;
• Changed the power domain names in Table IO_MUX to be consistent with
the pin names.
2018.07
V2.4
• Deleted information on Packet Traffic Arbitration (PTA);
• Added Figure 5: ESP32 Power-up and Reset Timing in Section 2.3: Power
Scheme;
• Added the power consumption of dual-core SoCs in Table 6: Power Con-
sumption by Power Modes;
• Updated section 4.1.2: Analog-to-Digital Converter (ADC).
2018.06
V2.3
Added the power consumption at CPU frequency of 160 MHz in Table 6: Power
Consumption by Power Modes.
2018.05
V2.2
• Changed the voltage range of VDD3P3_RTC from 1.8-3.6V to 2.3-3.6V in
Table 1: Pin Description;
• Updated Section 2.3: Power Scheme;
• Updated Section 3.1.3: External Flash and SRAM;
• Updated Table 6: Power Consumption by Power Modes;
• Deleted content about temperature sensor;
Changes to electrical characteristics:
• Updated Table 11: Absolute Maximum Ratings;
• Added Table 12: Recommended Operating Conditions;
• Added Table 13: DC Characteristics;
• Added Table 14: Reliability Qualifications;
• Updated the values of ”Gain control step” and ”Adjacent channel transmit
power” in Table 18: Transmitter Characteristics - Basic Data Rate;
• Updated the values of ”Gain control step”, ”π/4 DQPSK modulation accu-
racy”, ”8 DPSK modulation accuracy” and ”In-band spurious emissions” in
Table 20: Transmitter Characteristics – Enhanced Data Rate;
• Updated the values of ”Gain control step”, ”Adjacent channel transmit
power” in Table 22: Transmitter Characteristics - BLE.
Espressif Systems
51
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com