công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ESP32-D0WD bảng dữ liệu(PDF) 42 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

tên linh kiện ESP32-D0WD
Giải thích chi tiết về linh kiện  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Trang chủ  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-D0WD bảng dữ liệu(HTML) 42 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-D0WD Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 44Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 45Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 46Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
5. Electrical Characteristics
5.5 RF Power-Consumption Specifications
The power consumption measurements are taken with a 3.3 V supply at 25 °C of ambient temperature at the RF
port. All transmitters’ measurements are based on a 50% duty cycle.
Table 15: RF Power-Consumption Specifications
Mode
Min
Typ
Max
Unit
Transmit 802.11b, DSSS 1 Mbps, POUT = +19.5 dBm
-
240
-
mA
Transmit 802.11b, OFDM 54 Mbps, POUT = +16 dBm
-
190
-
mA
Transmit 802.11g, OFDM MCS7, POUT = +14 dBm
-
180
-
mA
Receive 802.11b/g/n
-
95
~ 100
-
mA
Transmit BT/BLE, POUT = 0 dBm
-
130
-
mA
Receive BT/BLE
-
95
~ 100
-
mA
5.6 Wi-Fi Radio
Table 16: Wi-Fi Radio Characteristics
Description
Min
Typical
Max
Unit
Input frequency
2412
-
2484
MHz
Output impedance*
-
*
-
Ω
Tx power
Output power of PA for 72.2 Mbps
13
14
15
dBm
Output power of PA for 11b mode
19.5
20
20.5
dBm
Sensitivity
DSSS, 1 Mbps
-
–98
-
dBm
CCK, 11 Mbps
-
–91
-
dBm
OFDM, 6 Mbps
-
–93
-
dBm
OFDM, 54 Mbps
-
–75
-
dBm
HT20, MCS0
-
–93
-
dBm
HT20, MCS7
-
–73
-
dBm
HT40, MCS0
-
–90
-
dBm
HT40, MCS7
-
–70
-
dBm
MCS32
-
–89
-
dBm
Adjacent channel rejection
OFDM, 6 Mbps
-
37
-
dB
OFDM, 54 Mbps
-
21
-
dB
HT20, MCS0
-
37
-
dB
HT20, MCS7
-
20
-
dB
*The typical value of ESP32’s Wi-Fi radio output impedance is different in chips of different QFN packages. For ESP32 chips
with a QFN 6x6 package (ESP32-D0WDQ6), the value is 30+j10 Ω. For ESP32 chips with a QFN 5x5 package (ESP32-D0WD,
ESP32-D2WD, ESP32-S0WD), the value is 35+j10 Ω.
Espressif Systems
35
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com