công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ESP32-D0WD bảng dữ liệu(PDF) 23 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

tên linh kiện ESP32-D0WD
Giải thích chi tiết về linh kiện  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Trang chủ  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-D0WD bảng dữ liệu(HTML) 23 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-D0WD Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 22Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 23Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 24Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 27Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
3. Functional Description
Category
Target
Start Address
End Address
Size
SPI3
0x3FF6_5000
0x3FF6_5FFF
4 KB
SYSCON
0x3FF6_6000
0x3FF6_6FFF
4 KB
I2C1
0x3FF6_7000
0x3FF6_7FFF
4 KB
SDMMC
0x3FF6_8000
0x3FF6_8FFF
4 KB
EMAC
0x3FF6_9000
0x3FF6_AFFF
8 KB
PWM1
0x3FF6_C000
0x3FF6_CFFF
4 KB
I2S1
0x3FF6_D000
0x3FF6_DFFF
4 KB
UART2
0x3FF6_E000
0x3FF6_EFFF
4 KB
PWM2
0x3FF6_F000
0x3FF6_FFFF
4 KB
PWM3
0x3FF7_0000
0x3FF7_0FFF
4 KB
RNG
0x3FF7_5000
0x3FF7_5FFF
4 KB
3.2 Timers and Watchdogs
3.2.1 64-bit Timers
There are four general-purpose timers embedded in the ESP32. They are all 64-bit generic timers which are based
on 16-bit prescalers and 64-bit auto-reload-capable up/down-timers.
The timers feature:
• A 16-bit clock prescaler, from 2 to 65536
• A 64-bit timer
• Configurable up/down timer: incrementing or decrementing
• Halt and resume of time-base counter
• Auto-reload at alarming
• Software-controlled instant reload
• Level and edge interrupt generation
3.2.2 Watchdog Timers
The ESP32 has three watchdog timers: one in each of the two timer modules (called the Main Watchdog Timer,
or MWDT) and one in the RTC module (called the RTC Watchdog Timer, or RWDT). These watchdog timers are
intended to recover from an unforeseen fault causing the application program to abandon its normal sequence. A
watchdog timer has four stages. Each stage may trigger one of three or four possible actions upon the expiry of
its programmed time period, unless the watchdog is fed or disabled. The actions are: interrupt, CPU reset, core
reset, and system reset. Only the RWDT can trigger the system reset, and is able to reset the entire chip, including
the RTC itself. A timeout value can be set for each stage individually.
During flash boot the RWDT and the first MWDT start automatically in order to detect, and recover from, booting
problems.
The ESP32 watchdogs have the following features:
• Four stages, each of which can be configured or disabled separately
• A programmable time period for each stage
Espressif Systems
16
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com