công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ESP32-D0WD bảng dữ liệu(PDF) 24 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

tên linh kiện ESP32-D0WD
Giải thích chi tiết về linh kiện  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Trang chủ  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-D0WD bảng dữ liệu(HTML) 24 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-D0WD Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 22Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 23Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 24Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 27Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 28Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
3. Functional Description
• One of three or four possible actions (interrupt, CPU reset, core reset, and system reset) upon the expiry of
each stage
• 32-bit expiry counter
• Write protection that prevents the RWDT and MWDT configuration from being inadvertently altered
• SPI flash boot protection
If the boot process from an SPI flash does not complete within a predetermined time period, the watchdog
will reboot the entire system.
3.3 System Clocks
3.3.1 CPU Clock
Upon reset, an external crystal clock source is selected as the default CPU clock. The external crystal clock source
also connects to a PLL to generate a high-frequency clock (typically 160 MHz).
In addition, ESP32 has an internal 8 MHz oscillator. The application can select the clock source from the external
crystal clock source, the PLL clock or the internal 8 MHz oscillator. The selected clock source drives the CPU
clock directly, or after division, depending on the application.
3.3.2 RTC Clock
The RTC clock has five possible sources:
• external low-speed (32 kHz) crystal clock
• external crystal clock divided by 4
• internal RC oscillator (typically about 150 kHz, and adjustable)
• internal 8 MHz oscillator
• internal 31.25 kHz clock (derived from the internal 8 MHz oscillator divided by 256)
When the chip is in the normal power mode and needs faster CPU accessing, the application can choose the
external high-speed crystal clock divided by 4 or the internal 8 MHz oscillator. When the chip operates in the
low-power mode, the application chooses the external low-speed (32 kHz) crystal clock, the internal RC clock or
the internal 31.25 kHz clock.
3.3.3 Audio PLL Clock
The audio clock is generated by the ultra-low-noise fractional-N PLL. More details can be found in Chapter Reset
and Clock in the ESP32 Technical Reference Manual.
3.4 Radio
The ESP32 radio consists of the following blocks:
• 2.4 GHz receiver
• 2.4 GHz transmitter
• bias and regulators
• balun and transmit-receive switch
Espressif Systems
17
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com