công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CC128M16IP-EKB bảng dữ liệu(PDF) 116 Page - Nanya Technology Corporation.

tên linh kiện NT5CC128M16IP-EKB
Giải thích chi tiết về linh kiện  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC128M16IP-EKB bảng dữ liệu(HTML) 116 Page - Nanya Technology Corporation.

Back Button NT5CC128M16IP-EKB Datasheet HTML 112Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 113Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 114Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 115Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 116Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 117Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 118Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 119Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 120Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 162 page
background image
Version 2.1
116
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
ODT DC Electrical Characteristics
The following table provides an overview of the ODT DC electrical characteristics. The values for RTT60Pd120, RTT60Pu120,
RTT120Pd240, RTT120Pu240, RTT40Pd80, RTT40Pu80, RTT30Pd60, RTT30Pu60, RTT20Pd40, RTT20Pu40 are not specification
requirements, but can be used as design guide lines:
ODT DC Electrical Characteristics, assuming RZQ = 240ohms +/- 1% entire operating
temperature range; after proper ZQ calibration(DDR3L)
MR1 A9,A6,A2
RTT
Resistor
Vout
Min.
Nom.
Max.
Unit
Notes
DDR3L
0,1,0
120Ω
RTT120Pd240
VOLdc = 0.2 x VDDQ
0.6
1
1.15
RZQ
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ
1,2,3,4
VOHdc = 0.8 x VDDQ
0.9
1
1.45
RZQ
1,2,3,4
RTT120Pu240
VOLdc = 0.2 x VDDQ
0.9
1
1.45
RZQ
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ
1,2,3,4
VOHdc = 0.8 x VDDQ
0.6
1
1.15
RZQ
1,2,3,4
RTT120
VIL(ac) to VIH(ac)
0.9
1
1.65
RZQ /2
1,2,5
0, 0, 1
60Ω
RTT60Pd120
VOLdc = 0.2 x VDDQ
0.6
1
1.15
RZQ/2
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ/2
1,2,3,4
VOHdc = 0.8 x VDDQ
0.9
1
1.45
RZQ/2
1,2,3,4
RTT60Pu120
VOLdc = 0.2 x VDDQ
0.9
1
1.45
RZQ/2
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ/2
1,2,3,4
VOHdc = 0.8 x VDDQ
0.6
1
1.15
RZQ/2
1,2,3,4
RTT60
VIL(ac) to VIH(ac)
0.9
1
1.65
RZQ/4
1,2,5
0, 1, 1
40Ω
RTT40Pd80
VOLdc = 0.2 x VDDQ
0.6
1
1.15
RZQ/3
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ/3
1,2,3,4
VOHdc = 0.8 x VDDQ
0.9
1
1.45
RZQ/3
1,2,3,4
RTT40Pu80
VOLdc = 0.2 x VDDQ
0.9
1
1.45
RZQ/3
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ/3
1,2,3,4
VOHdc = 0.8 x VDDQ
0.6
1
1.15
RZQ/3
1,2,3,4
RTT40
VIL(ac) to VIH(ac)
0.9
1
1.65
RZQ/6
1,2,5
1, 0, 1
30Ω
RTT30Pd60
VOLdc = 0.2 x VDDQ
0.6
1
1.15
RZQ/4
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ/4
1,2,3,4
VOHdc = 0.8 x VDDQ
0.9
1
1.45
RZQ/4
1,2,3,4
RTT30Pu60
VOLdc = 0.2 x VDDQ
0.9
1
1.45
RZQ/4
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ/4
1,2,3,4
VOHdc = 0.8 x VDDQ
0.6
1
1.15
RZQ/4
1,2,3,4
RTT30
VIL(ac) to VIH(ac)
0.9
1
1.65
RZQ/8
1,2,5
1, 0, 0
20Ω
RTT20Pd40
VOLdc = 0.2 x VDDQ
0.6
1
1.15
RZQ/6
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ/6
1,2,3,4
VOHdc = 0.8 x VDDQ
0.9
1
1.45
RZQ/6
1,2,3,4
RTT20Pu40
VOLdc = 0.2 x VDDQ
0.9
1
1.45
RZQ/6
1,2,3,4
0.5 x VDDQ
0.9
1
1.15
RZQ/6
1,2,3,4
VOHdc = 0.8 x VDDQ
0.6
1
1.15
RZQ/6
1,2,3,4
RTT20
VIL(ac) to VIH(ac)
0.9
1
1.65
RZQ/12
1,2,5
Deviation of VM w.r.t. VDDQ/2, DVM
-5
+5
%
1,2,5,6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com