công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CC128M16IP-EKB bảng dữ liệu(PDF) 81 Page - Nanya Technology Corporation.

tên linh kiện NT5CC128M16IP-EKB
Giải thích chi tiết về linh kiện  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC128M16IP-EKB bảng dữ liệu(HTML) 81 Page - Nanya Technology Corporation.

Back Button NT5CC128M16IP-EKB Datasheet HTML 77Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 78Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 79Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 80Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 81Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 82Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 83Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 84Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 85Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 162 page
background image
Version 2.1
81
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Asynchronous ODT Mode
Asynchronous ODT mode is selected when DRAM runs in DLLon mode, but DLL is temporarily disabled (i.e. frozen) in
precharge power-down (by MR0 bit A12). Based on the power down mode definitions, this is currently Precharge power
down mode if DLL is disabled during precharge power down by MR0 bit A12.
In asynchronous ODT timing mode, internal ODT command is NOT delayed by Additive Latency (AL) relative to the
external ODT command.
In asynchronous ODT mode, the following timing parameters apply: tAONPD min/max, tAOFPD min/max.
Minimum RTT turn-on time (tAONPD min) is the point in time when the device termination circuit leaves high impedance state
and ODT resistance begins to turn on. Maximum RTT turn on time (tAONPD max) is the point in time when the ODT
resistance is fully on.
tAONPDmin and tAONPDmax are measured from ODT being sampled high.
Minimum RTT turn-off time (tAOFPDmin) is the point in time when the devices termination circuit starts to turn off the ODT
resistance. Maximum ODT turn off time (tAOFPDmax) is the point in time when the on-die termination has reached high
impedance. tAOFPDmin and tAOFPDmax are measured from ODT being sample low.
Asynchronous ODT Timings on DDR3(L) SDRAM with fast ODT transition: AL is
ignored.
In Precharge Power Down, ODT receiver remains active; however no Read or Write command can be issued, as the
respective ADD/CMD receivers may be disabled.
Asynchronous ODT Timing Parameters for all Speed Bins
Symbol
Description
Min.
Max.
Unit
tAONPD
Asynchronous RTT turn-on delay (Power-Down with DLL frozen)
2
8.5
ns
tAOFPD
Asynchronous RTT turn-off delay (Power-Down with DLL frozen)
2
8.5
ns
CK
CK#
T11
T10
T0
T1
T3
T5
T6
T7
T9
T2
T4
T8
ODT
RTT
tAONPDmin
CKE
tIH
tIS
T12
T13
T14
T15
tAONPDmax
tAOFPDmin
tAOFPDmax
tIH
tIS
Do not
care
Transitioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com