công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CC128M16IP-EKB bảng dữ liệu(PDF) 86 Page - Nanya Technology Corporation.

tên linh kiện NT5CC128M16IP-EKB
Giải thích chi tiết về linh kiện  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC128M16IP-EKB bảng dữ liệu(HTML) 86 Page - Nanya Technology Corporation.

Back Button NT5CC128M16IP-EKB Datasheet HTML 82Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 83Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 84Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 85Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 86Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 87Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 88Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 89Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 90Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 162 page
background image
Version 2.1
86
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
ZQ Calibration Commands
ZQ Calibration Description
ZQ Calibration command is used to calibrate DRAM Ron and ODT values. DDR3(L) SDRAM needs longer time to calibrate
output driver and on-die termination circuits at initialization and relatively smaller time to perform periodic calibrations.
ZQCL command is used to perform the initial calibration during power-up initialization sequence. This command may be
issued at any time by the controller depending on the system environment. ZQCL command triggers the calibration engine
inside the DRAM and once calibration is achieved the calibrated values are transferred from calibration engine to DRAM IO
which gets reflected as updated output driver and on-die termination values.
The first ZQCL command issued after reset is allowed a timing period of tZQinit to perform the full calibration and the
transfer of values. All other ZQCL commands except the first ZQCL command issued after RESET is allowed a timing
period of tZQoper.
ZQCS command is used to perform periodic calibrations to account for voltage and temperature variations. A shorter timing
window is provided to perform the calibration and transfer of values as defined by timing parameter tZQCS.
No other activities should be performed on the DRAM channel by the controller for the duration of tZQinit, tZQoper, or
tZQCS. The quiet time on the DRAM channel allows calibration of output driver and on-die termination values. Once DRAM
calibration is achieved, the DRAM should disable ZQ current consumption path to reduce power.
All banks must be precharged and tRP met before ZQCL or ZQCS commands are issued by the controller.
ZQ calibration commands can also be issued in parallel to DLL lock time when coming out of self refresh. Upon self-refresh
exit, DDR3(L) SDRAM will not perform an IO calibration without an explicit ZQ calibration command. The earliest possible
time for ZQ Calibration command (short or long) after self refresh exit is tXS.
In systems that share the ZQ resistor between devices, the controller must not allow any overlap of tZQoper, tZQinit, or
tZQCS between ranks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com