công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CC128M16IP-EKB bảng dữ liệu(PDF) 102 Page - Nanya Technology Corporation.

tên linh kiện NT5CC128M16IP-EKB
Giải thích chi tiết về linh kiện  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC128M16IP-EKB bảng dữ liệu(HTML) 102 Page - Nanya Technology Corporation.

Back Button NT5CC128M16IP-EKB Datasheet HTML 98Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 99Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 100Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 101Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 102Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 103Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 104Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 105Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 106Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 162 page
background image
Version 2.1
102
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Differential Input Cross Point Voltage
To guarantee tight setup and hold times as well as output skew parameters with respect to clock and strobe, each cross
point voltage of differential input signals (CK,
 and DQS, ) must meet the requirements in the following table. The
differential input cross point voltage Vix is measured from the actual cross point of true and complete signal to the midlevel
between of VDD and VSS.
Vix Definition
VDD
VSS
VDD/2
,
CK,DQS
VIX
VIX
VIX
VSEL
Cross point voltage for differential input signals (CK, DQS)
Symbol
Parameter
DDR3
DDR3L
Unit
Notes
800/1066/1333/1600/
1866/2133
1066/1333/1600/
1866
Min
Max
Min
Max
VIX(CK)
Differential Input Cross Point
Voltage relative to
VDD/2 for CK,

- 150
+ 150
- 150
+ 150
mV
1
- 175
+ 175
mV
2
VIX(DQS)
Differential Input Cross Point
Voltage relative to
VDD/2 for DQS,

- 150
+ 150
- 150
+ 150
mV
1
Note 1
The relation between Vix Min/Max and VSEL/VSEH should satisfy following:
(VDD/2) + VIX (min) - VSEL >= 25 mV ;
VSEH - ((VDD/2) + VIX (max)) >= 25 mV;
Note 2
Extended range for Vix is only allowed for clock and if single-ended clock input signals CK and
 are monotonic with a
single-ended swing VSEL / VSEH of at least VDD/2 +/-250 mV, and when the differential slew rate of CK -
 is larger
than 3 V/ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com