công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CC64M16GP-DHT bảng dữ liệu(PDF) 108 Page - Nanya Technology Corporation.

tên linh kiện NT5CC64M16GP-DHT
Giải thích chi tiết về linh kiện  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DHT bảng dữ liệu(HTML) 108 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DHT Datasheet HTML 104Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 105Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 106Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 107Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 108Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 109Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 110Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 111Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 112Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 160 page
background image
Version 2.2
108
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Overshoot and Undershoot Specifications
AC Overshoot/Undershoot Specification for Clock, Data, Strobe and Mask
800
1066
1333
1600
1866
2133
Unit
Maximum peak amplitude allowed for overshoot area
0.4
0.4
0.4
0.4
0.4
0.4
V
Maximum peak amplitude allowed for undershoot area.
0.4
0.4
0.4
0.4
0.4
0.4
V
Maximum overshoot area above VDD
0.25
0.19
0.15
0.13
0.11
0.10
V-ns
Maximum undershoot area below VSS
0.25
0.19
0.15
0.13
0.11
0.10
V-ns
NOTE 1. The sum of the applied voltage (VDD) and peak amplitude overshoot voltage is not to exceed absolute maximum DC ratings
NOTE 2. The sum of applied voltage (VDD) and the peak amplitude undershoot voltage is not to exceed absolute maximum DC ratings
VDDQ
VSSQ
Overshoot Area
Undershoot Area
Maximum Amplitude
Maximum Amplitude
Time (ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com