công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CC64M16GP-DHT bảng dữ liệu(PDF) 64 Page - Nanya Technology Corporation.

tên linh kiện NT5CC64M16GP-DHT
Giải thích chi tiết về linh kiện  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DHT bảng dữ liệu(HTML) 64 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DHT Datasheet HTML 60Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 61Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 62Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 63Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 64Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 65Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 66Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 67Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 68Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 160 page
background image
Version 2.2
64
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Power-Down Modes
Power-Down Entry and Exit
Power-Down is synchronously entered when CKE is registered low (along with NOP or Deselect command). CKE is not
allowed to go low while mode register set command, MPR operations, ZQCAL operations, DLL locking or read/write
operation are in progress. CKE is allowed to go low while any of other operation such as row activation, precharge or auto
precharge and refresh are in progress, but power-down IDD spec will not be applied until finishing those operation.
The DLL should be in a locked state when power-down is entered for fastest power-down exit timing. If the DLL is not
locked during power-down entry, the DLL must be reset after exiting power-down mode for proper read operation and
synchronous ODT operation. DRAM design provides all AC and DC timing and voltage specification as well as proper DLL
operation with any CKE intensive operations as long as DRAM controller complies with DRAM specifications.
During Power-Down, if all banks are closed after any in progress commands are completed, the device will be in precharge
Power-Down mode; if any bank is open after in progress commands are completed, the device will be in active
Power-Down mode.
Entering Power-down deactivates the input and output buffers, excluding CK, CK, ODT,
E, and REET. To protect
DRAM internal delay on CKE line to block the input signals, multiple NOP or Deselect commands are needed during the
CKE switch off and cycle(s) after, this timing period are defined as tCPDED. CKE_low will result in deactivation of
command and address receivers after tCPDED has expired.
Power-Down Entry Definitions
Status of DRAM
MRS bit A12
DLL
PD Exit
Relevant Parameters
Active
(A Bank or more open)
Don't Care
On
Fast
tXP to any valid command.
Precharged
(All Banks Precharged)
0
Off
Slow
tXP to any valid command. Since it is in precharge state,
commands here will be ACT, AR, MRS/EMRS, PR, or PRA.
tXPDLL to commands who need DLL to operate, such as RD,
RDA, or ODT control line.
Precharged
(All Banks Precharged)
1
On
Fast
tXP to any valid command.
Also the DLL is disabled upon entering precharge power-down (Slow Exit Mode), but the DLL is kept enabled during
precharge power-down (Fast Exit Mode) or active power-down. In power-down mode, CKE low,
REET high, and a stable
clock signal must be maintained at the inputs of the DDR3(L) SDRAM, and ODT should be in a valid state but all other input
signals are “Don’t care” (If REET goes low during Power-Down, the DRAM will be out of PD mode and into reset state).
CKE low must be maintain until tCKE has been satisfied. Power-down duration is limited by 9 times tREFI of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com