công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CC64M16GP-DHT bảng dữ liệu(PDF) 23 Page - Nanya Technology Corporation.

tên linh kiện NT5CC64M16GP-DHT
Giải thích chi tiết về linh kiện  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DHT bảng dữ liệu(HTML) 23 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DHT Datasheet HTML 19Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 20Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 21Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 22Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 23Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 24Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 25Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 26Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 27Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 160 page
background image
Version 2.2
23
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Write leveling
For better signal integrity, DDR3(L) memory module adopted fly by topology for the commands, addresses, control signals,
and clocks. The fly by topology has benefits from reducing number of stubs and their length but in other aspect, causes
flight time skew between clock and strobe at every DRAM on DIMM. It makes difficult for the Controller to maintain tDQSS,
tDSS, and tDSH specification. Therefore, the controller should support ‘write leveling’ in DDR3(L) SDRAM to compensate
for skew.
Output Disable
The DDR3(L) SDRAM outputs maybe enable/disabled by MR1 (bit12) as shown in MR1 definition. When this feature is
enabled (A12=1) all output pins (DQs, DQS,
, etc.) are disconnected from the device removing any loading of the
output drivers. This feature may be useful when measuring modules power for example. For normal operation A12 should
be set to ‘0’.
TDQS,
T
TDQS (Termination Data Strobe) is a feature of x8 DDR3(L) SDRAM that provides additional termination resistance outputs
that may be useful in some system configurations.
When enabled via the mode register, the same termination resistance function is applied to be TDQS/
T pins that are
applied to the DQS/
 pins.
In contrast to the RDQS function of DDR2 SDRAM, TDQS provides the termination resistance function only. The data
strobe function of RDQS is not provided by TDQS.
The TDQS and DM functions share the same pin. When the TDQS function is enabled via the mode register, the DM
function is not supported. When the TDQS function is disabled, the DM function is provided and the
T pin is not used.
The TDQS function is available in x8 DDR3(L) SDRAM only and must be disabled via the mode register A11=0 in MR1 for
x16 configurations.
TDQS,
T Function Matrix
MR1 (A11)
DM / TDQS
NU / TDQS
0 (TDQS Disabled)
DM
Hi-Z
1 (TDQS Enabled)
TDQS
T
Note:
1. If TDQS is enabled, the DM function is disabled.
2. When not used, TDQS function can be disabled to save termination power.
3. TDQS function is only available for x8 DRAM and must be disabled for x16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com