công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CC64M16GP-DHT bảng dữ liệu(PDF) 74 Page - Nanya Technology Corporation.

tên linh kiện NT5CC64M16GP-DHT
Giải thích chi tiết về linh kiện  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DHT bảng dữ liệu(HTML) 74 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DHT Datasheet HTML 70Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 71Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 72Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 73Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 74Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 75Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 76Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 77Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 78Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 160 page
background image
Version 2.2
74
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Dynamic ODT
In certain application cases and to further enhance signal integrity on the data bus, it is desirable that the termination
strength of the DDR3(L) SDRAM can be changed without issuing an MRS command. This requirement is supported by the
“Dynamic ODT” feature as described as follows:
Functional Description
The Dynamic ODT Mode is enabled if bit (A9) or (A10) of MR2 is set to ‘1’. The function is described as follows:
Two RTT values are available: RTT_Nom and RTT_WR.
The value for RTT_Nom is preselected via bits A[9,6,2] in MR1.
The value for RTT_WR is preselected via bits A[10,9] in MR2.
During operation without write commands, the termination is controlled as follows:
Nominal termination strength RTT_Nom is selected.
Termination on/off timing is controlled via ODT pin and latencies ODTLon and ODTLoff.
When a Write command (WR, WRA, WRS4, WRS8, WRAS4, WRAS8) is registered, and if Dynamic ODT is enabled, the
termination is controlled as follows:
A latency ODTLcnw after the write command, termination strength RTT_WR is selected.
A latency ODTLcwn8 (for BL8, fixed by MRS or selected OTF) or ODTLcwn4 (for BC4, fixed by MRS or selected OTF) after the
write command, termination strength RTT_Nom is selected.
Termination on/off timing is controlled via ODT pin and ODTLon, ODTLoff.
The following table shows latencies and timing parameters which are relevant for the on-die termination control in Dynamic
ODT mode.
The dynamic ODT feature is not supported at DLL-off mode. User must use MRS command to set RTT_WR, MR2[A10,A9
= [0,0], to disable Dynamic ODT externally.
When ODT is asserted, it must remain high until ODTH4 is satisfied. If a Write command is registered by the SDRAM with
ODT high, then ODT must remain high until ODTH4 (BL=4) or ODTH8 (BL=8) after the Write command. ODTH4 and
ODTH8 are measured from ODT registered high to ODT registered low or from the registration of Write command until ODT
is register low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com