công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CC64M16GP-DHT bảng dữ liệu(PDF) 106 Page - Nanya Technology Corporation.

tên linh kiện NT5CC64M16GP-DHT
Giải thích chi tiết về linh kiện  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DHT bảng dữ liệu(HTML) 106 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DHT Datasheet HTML 102Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 103Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 104Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 105Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 106Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 107Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 108Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 109Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 110Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 160 page
background image
Version 2.2
106
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Reference Load for AC Timing and Output Slew Rate
The following figure represents the effective reference load of 25 ohms used in defining the relevant AC timing parameters
of the device as well as output slew rate measurements.
It is not intended as a precise representation of any particular system environment or a depiction of the actual load
presented by a production tester. System designers should use IBIS or other simulation tools to correlate the timing
reference load to a system environment. Manufacturers correlate to their production test conditions, generally one or more
coaxial transmission lines terminated at the tester electronics.
Vtt = VDDQ/2
25 Ohm
CK , 
VDDQ
DUT
DQ
DQS

Timing Reference Points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com