| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NM1282KSLAXAL bảng dữ liệu(PDF) 104 Page - Nanya Technology Corporation. |
|
|
|||||||||||||||||||||||||||||
NM1282KSLAXAL bảng dữ liệu(HTML) 104 Page - Nanya Technology Corporation. |
|
104 / 120 page ![]() Version 1.3 104 Nanya Technology Corp. 06/2018 All Rights Reserved. © 2Gb SLC NAND + 2Gb LPDDR2 NM1282KSLAXAL NTC Proprietary Level: Property Burst Sequence by BL, BT, WC and column address C3 C2 C1 C0 WC BT BL Burst Cycle Number and Burst Address Sequence 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 BL4 x x 0B 0B wrap any 4 0 1 2 3 x x 1B 0B 2 3 0 1 x x x 0B nw any y y+1 y+2 y+3 BL8 x 0B 0B 0B wrap seq 8 0 1 2 3 4 5 6 7 x 0B 1B 0B 2 3 4 5 6 7 0 1 x 1B 0B 0B 4 5 6 7 0 1 2 3 x 1B 1B 0B 6 7 0 1 2 3 4 5 x 0B 0B 0B int 0 1 2 3 4 5 6 7 x 0B 1B 0B 2 3 0 1 6 7 4 5 x 1B 0B 0B 4 5 6 7 0 1 2 3 x 1B 1B 0B 6 7 4 5 2 3 0 1 x x x 0B nw any illegal (not allowed) C3 C2 C1 C0 WC BT BL Burst Cycle Number and Burst Address Sequence 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 BL16 0B 0B 0B 0B wrap seq 16 0 1 2 3 4 5 6 7 8 9 A B C D E F 0B 0B 1B 0B 2 3 4 5 6 7 8 9 A B C D E F 0 1 0B 1B 0B 0B 4 5 6 7 8 9 A B C D E F 0 1 2 3 0B 1B 1B 0B 6 7 8 9 A B C D E F 0 1 2 3 4 5 1B 0B 0B 0B 8 9 A B C D E F 0 1 2 3 4 5 6 7 1B 0B 1B 0B A B C D E F 0 1 2 3 4 5 6 7 8 9 1B 1B 0B 0B C D E F 0 1 2 3 4 5 6 7 8 9 A B 1B 1B 1B 0B E F 0 1 2 3 4 5 6 7 8 9 A B C D x x x 0B int illegal (not allowed) x x x 0B nw any illegal (not allowed) Notes: 1. C0 input is not present on CA bus. It is implied zero. 2. For BL=4, the burst address represents C1~C0. 3. For BL=8, the burst address represents C2~C0. 4. For BL=16, the burst address represents C3~C0. 5. For no-wrap, BL4, the burst must not cross the page boundary or the sub-page boundary. The variable y can start at any address with C0 equal to 0, but must not start at any address shown bellow. |