công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF8813 bảng dữ liệu(PDF) 54 Page - NXP Semiconductors

tên linh kiện PCF8813
Giải thích chi tiết về linh kiện  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 bảng dữ liệu(HTML) 54 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 50Page - NXP Semiconductors PCF8813 Datasheet HTML 51Page - NXP Semiconductors PCF8813 Datasheet HTML 52Page - NXP Semiconductors PCF8813 Datasheet HTML 53Page - NXP Semiconductors PCF8813 Datasheet HTML 54Page - NXP Semiconductors PCF8813 Datasheet HTML 55Page - NXP Semiconductors PCF8813 Datasheet HTML 56Page - NXP Semiconductors PCF8813 Datasheet HTML 57Page - NXP Semiconductors PCF8813 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
2004 Mar 05
54
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
17.7
Programming flow
Programming is achieved in MM mode and with
application of the programming voltages. Since the data
for programming the OTP cell is contained in the
corresponding shift register cell, the shift register cell must
be loaded with a 1 in order to program the corresponding
OTP cell. If the shift register cell contains a 0, then no
action will take place when the programming voltages are
applied.
Once programmed, an OTP cell cannot be
de-programmed. Also, a previously programmed cell that
is an OTP cell containing a 1 must not be re-programmed.
During programming a substantial current flows in the
VLCDIN pad. For this reason programming only one OTP
cell at a time is recommended. This is achieved by filling
all but one shift register cells with 0.
The programming specification refers to the voltages at
the chip pads, therefore contact resistance must be
considered by the user.
An example of the sequence of commands and data for
OTP programming is given in Table 23. The order for
programming cells is not significant but it is recommended
that the seal bit is programmed last. Once the seal bit has
been programmed it is not possible to re-enter the
MM mode.
It is assumed that the PCF8813 has been reset just before
the programming commences.
Table 23 Example sequence for OTP programming
Note
1. X = don’t care.
STEP
D/CR/W
D7
D6
D5
D4
D3
D2
D1
D0
ACTION
1
reset
enable OTP by applying a reset
1
0
000100000
exit Power-down (PD = 0)
3
0
00001001
PC
switch HVgen on/off to force refresh
of shift register
wait 5 ms for refresh to take effect
4
0
000100101
re-enter Power-down
(PD =1andH=1)
5
0
000011110
enter MM mode
6
0
0
1
0
XXXXX
1
VCAL[4] (the only bit with value of 1)
7
0
0
1
0
XXXXX
1
VCAL[3]
8
0
0
1
0
XXXXX
1
VCAL[2]
9
0
0
1
0
XXXXX
0
VCAL[1]
10
0
0
1
0
XXXXX
0
VCAL[0]
11
0
0
1
0
X
X
X
X
X
0
MF[2]
12
0
0
1
0
X
X
X
X
X
0
MF[1]
13
0
0
1
0
X
X
X
X
X
0
MF[0]
14
0
0
1
1
X
X
X
X
X
0
seal bit; remain in CALMM mode
15
−−−−−−−−−−
apply programming voltage at pads
VOTPPROG and VLCDIN
Repeat steps 6 to 15 for each bit that should be programmed to 1
15
−−−−−−−−−−
apply external reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com