công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF8813 bảng dữ liệu(PDF) 50 Page - NXP Semiconductors

tên linh kiện PCF8813
Giải thích chi tiết về linh kiện  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 bảng dữ liệu(HTML) 50 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 46Page - NXP Semiconductors PCF8813 Datasheet HTML 47Page - NXP Semiconductors PCF8813 Datasheet HTML 48Page - NXP Semiconductors PCF8813 Datasheet HTML 49Page - NXP Semiconductors PCF8813 Datasheet HTML 50Page - NXP Semiconductors PCF8813 Datasheet HTML 51Page - NXP Semiconductors PCF8813 Datasheet HTML 52Page - NXP Semiconductors PCF8813 Datasheet HTML 53Page - NXP Semiconductors PCF8813 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
2004 Mar 05
50
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
Table 19 VCAL codes and associated nominal calibration
voltage when the temperature coefficient is set
to TC3
17.2
Manufacturer identity
The second OTP feature defines the manufacturer
identity. A 3-bit code MF[2:0] is used to define this
parameter. The default manufacturer identity is
MF[2:0] = 000.
17.3
Seal bit
Module maker programming is performed in a special
mode; the calibration mode MM. This mode is entered via
the interface command, MM. To prevent wrongful
programming, a seal bit prevents the device from entering
the calibration mode. This seal bit, once programmed,
cannot be reversed, thus further changes in programmed
values are not possible. However it is possible to disable
all programmed values by applying the disable OTP
command.
Applying the programming voltages when not in MM mode
will have no effect on the programmed values.
Table 20 Seal bit definition
17.4
One time programming
17.4.1
ARCHITECTURE
The OTP circuitry in the PCF8813 contains nine bits of
data: five for VLCD calibration, three for the manufacturer
identity and one for the seal bit. The circuitry for 1-bit is
called an OTP slice. Each OTP slice consists of two main
parts: the OTP cell (a non-volatile memory cell) and the
shift register cell (a flip-flop). The OTP cells are accessible
only through their shift register cells; both reading-from
and writing-to the OTP cells are performed with the shift
register cells, but only the shift register cells are visible to
the rest of the circuit. The basic OTP architecture is shown
in Fig.48.
VCAL
VCAL[4:0]
VLCD
CALIBRATION
(mV)
+0
00000
0 (default)
+1
00001
+25.6
+2
00010
+51.2
+3
00011
+76.8
+4
00100
+102.4
+5
00101
+128.0
+6
00110
+153.6
+7
00111
+179.2
+8
01000
+204.8
+9
01001
+230.4
+10
01010
+256.0
+11
01011
+281.6
+12
01100
+307.2
+13
01101
+332.8
+14
01110
+358.4
+15
01111
+384.0
−1
11111
−25.6
−2
11110
−51.2
−3
11101
−76.8
−4
11100
−102.4
−5
11011
−128.0
−6
11010
−153.6
−7
11001
−179.2
−8
11000
−204.8
−9
10111
−230.4
−10
10110
−256.0
−11
10101
−281.6
−12
10100
−307.2
−13
10011
−332.8
−14
10010
−358.4
−15
10001
−384.0
−16
10000
−409.6
SEAL BIT
ACTION
0
possible to enter calibration mode
1
calibration mode disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com