công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9085AWSC bảng dữ liệu(PDF) 1 Page - Richtek Technology Corporation

tên linh kiện RT9085AWSC
Giải thích chi tiết về linh kiện  1A, 5.5V, Ultra Low Dropout Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9085AWSC bảng dữ liệu(HTML) 1 Page - Richtek Technology Corporation

  RT9085AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT9085A
®
DS9085A-02 March 2019
www.richtek.com
1
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
1A, 5.5V, Ultra Low Dropout Linear Regulator
General Description
The RT9085A is a high performance positive voltage
regulator with separated bias voltage (VBIAS), designed
for applications requiring low input voltage and ultra low
dropout voltage, output current up to 1A. The feature of
ultra low dropout voltage is ideal for applications where
output voltage is very close to input voltage. The input
voltage can be as low as 0.8V and the output voltage is
adjustable by an external resistive divider. The RT9085A
features very low quiescent current consumption for
portable applications. The device is available in the WL-
CSP-6B 0.8x1.2 (BSC) package.
Features
Input Voltage Range : 0.8V to 5.5V
Bias Voltage Range : 3V to 5.5V
Available in Fixed and Adjustable (0.5V to 3V)
Ultra Low Dropout Voltage : 60mV at 1A
Accurate Output Voltage Accuracy (1%) Over Line,
Load @ 25
°°°°°C
Low Bias Input Current

Typ 35
μμμμμA in Operating Mode

Typ 0.5
μμμμμA in Shutdown Mode
Output Active Discharge Function
Enable Control
Stable with a 10
μμμμμF Output Ceramic Capacitor
RoHS Compliant and Halogen/Pb Free
Applications
Battery Powered Systems
Portable Electronic Device
Digital Set Top Boxes
Pin Configuration
(TOP VIEW)
WL-CSP-6B 0.8x1.2 (BSC)
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Simplified Application Circuit
EN
BIAS
GND
VOUT
VIN
ADJ/SNS
B2
C2
C1
A1
A2
B1
EN
VOUT
RT9085A
GND
VIN
VIN
VOUT
CIN
CBIAS
BIAS
COUT
Enable
ADJ
R1
R2
VBIAS
RB
*CFF


Số phần tương tự - RT9085AWSC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
600mA Low-Dropout Linear Regulator
logo
TECH PUBLIC Electronics...
RT9080 TECHPUBLIC-RT9080 Datasheet
4Mb / 9P
600mA,2uA, Higt PSRR Voltage Reaulators
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
304Kb / 14P
2μA IQ, 600mA Low-Dropout Linear Regulator
October 2016
RT9080-08GJ5 RICHTEK-RT9080-08GJ5 Datasheet
304Kb / 14P
2μA IQ, 600mA Low-Dropout Linear Regulator
October 2016
RT9080-08GQZ RICHTEK-RT9080-08GQZ Datasheet
304Kb / 14P
2μA IQ, 600mA Low-Dropout Linear Regulator
October 2016
More results

Mô tả tương tự - RT9085AWSC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
1A Ultra Low-Dropout Linear Regulator
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
1A Ultra Low-Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
1A Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com