công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9085AWSC bảng dữ liệu(PDF) 4 Page - Richtek Technology Corporation

tên linh kiện RT9085AWSC
Giải thích chi tiết về linh kiện  1A, 5.5V, Ultra Low Dropout Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9085AWSC bảng dữ liệu(HTML) 4 Page - Richtek Technology Corporation

  RT9085AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
DS9085A-02 March 2019
www.richtek.com
RT9085A
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
The RT9085A is using N-MOSFET pass transistor for
output voltage regulation from VIN voltage. The separated
bias voltage (VBIAS) power the low current internal control
circuit for applications requiring low input voltage and ultra
low dropout voltage.
In steady-state operation, the feedback voltage is
regulated to the reference voltage by the internal regulator.
When the feedback voltage signal is less than the
reference, the output current passes through the power
MOSFET will be increased. The extra amount of the
current is sent to the output until the voltage level of ADJ
pin returns to the reference. On the other hand, if the
feedback voltage is higher than the reference, the power
MOSFET current is decreased. The excess charge at the
output can be released by the loading current.
Chip Enable and Shutdown
The RT9085A provides an EN pin, as an external chip
enable control, to enable or disable the device. VEN below
0.54V turns the regulator off and enters the shutdown
mode, while VEN above 0.93V turns the regulator on. When
the regulator is shutdown, the ground current is reduced
to a maximum of 1
μA.
Output Active Discharge
When the RT9085A is operating at shutdown mode, the
device has an internal active pull down circuit that connects
the output to GND through a 150
Ω resistor for output
discharging purpose.
Current Limit
The RT9085A continuously monitors the output current
to protect the pass transistor against abnormal operations.
When an overload or short circuit is encountered, the
current limit circuitry controls the pass transistor's gate
voltage to limit the output within the predefined range.
Over-Temperature Protection (OTP)
The RT9085A has an over-temperature protection. When
the device triggers the OTP, the device shuts down until
the temperature back to normal state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com