công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9085AWSC bảng dữ liệu(PDF) 5 Page - Richtek Technology Corporation

tên linh kiện RT9085AWSC
Giải thích chi tiết về linh kiện  1A, 5.5V, Ultra Low Dropout Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9085AWSC bảng dữ liệu(HTML) 5 Page - Richtek Technology Corporation

  RT9085AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT9085AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
DS9085A-02 March 2019
www.richtek.com
RT9085A
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ----------------------------------------------------------------------------------------------- 0.8V to 5.5V
Supply Input Voltage, BIAS --------------------------------------------------------------------------------------------- 3V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Electrical Characteristics
(VBIAS
≥ 3V, and VBIAS ≥ VOUT + 1.6V, VIN = VOUT(NOMl) + 0.3V, IOUT = 1mA, VEN = 1V, CIN = 4.7μF, COUT = 10μF, CBIAS = 1μF, TA =
25
°C, unless otherwise specified). (Note 6)
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN -----------------------------------------------------------------------------------------------
−0.3V to 6V
All Other Pins --------------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WL-CSP-6B 0.8x1.2 (BSC) --------------------------------------------------------------------------------------------- 0.67W
Package Thermal Resistance (Note 2)
WL-CSP-6B 0.8x1.2 (BSC),
θJA --------------------------------------------------------------------------------------- 148°C/W
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ------------------------------------------------------------------------------------------------ 2kV
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Operating Input
Voltage Range
VIN
0.8
--
5.5
V
Operating Bias
Voltage Range
VBIAS
3
--
5.5
V
Under-Voltage
Lockout
VUVLO
VBIAS rising
--
1.6
--
V
Hysteresis
--
0.2
--
V
Reference Voltage
(Adj devices only)
VREF
0.49
0.5
0.51
V
Output Voltage
Accuracy
(Note 5)
VOUT
VOUT = 0.5V, no load
0.5
--
0.5
%
Output Voltage
Accuracy
(Note 5)
VOUT
1. VOUT(NOM) + 0.3V  VIN  VOUT(NOM) + 1V
2. VBIAS  3V and VOUT(NOM) + 1.6V  VBIAS
 5.5V
3. 1mA
 IOUT  1A
1
--
1
%
VIN Line Regulation
VLINE_VIN VOUT(NOM) + 0.3V  VIN  5V
--
0.01
--
%/V
VBIAS Line
Regulation
VBIAS_VIN
VBIAS  3V and VOUT(NOM) + 1.6V  VBIAS
5.5V
--
0.01
--
%/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com